Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43511C4827M000 Datasheet(PDF) 9 Page - EPCOS

Part # B43511C4827M000
Description  Capacitors with 4 Snap-In Terminals and Solder Pins
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43511C4827M000 Datasheet(HTML) 9 Page - EPCOS

Back Button B43511C4827M000 Datasheet HTML 2Page - EPCOS B43511C4827M000 Datasheet HTML 3Page - EPCOS B43511C4827M000 Datasheet HTML 4Page - EPCOS B43511C4827M000 Datasheet HTML 5Page - EPCOS B43511C4827M000 Datasheet HTML 6Page - EPCOS B43511C4827M000 Datasheet HTML 7Page - EPCOS B43511C4827M000 Datasheet HTML 8Page - EPCOS B43511C4827M000 Datasheet HTML 9Page - EPCOS B43511C4827M000 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
196 10/02
Max. Ripple Current 85 °C
B43511 / B43521
Impedance
Z at f = 10 kHz
versus frequency
f
Typical behavior at 20 °C
KAL0462-Y
680 µF/450 V
820 µF/400 V
10
1
Hz
f
10
6
10
_2
Z
10
2
10
2
10
3
10
4
10
5
10
_1
10 1
10 0
5
5
5
B43511/521


Similar Part No. - B43511C4827M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43511C4827M000 EPCOS-B43511C4827M000 Datasheet
831Kb / 19P
   Aluminum electrolytic capacitors
B43511C4827M000 EPCOS-B43511C4827M000 Datasheet
839Kb / 19P
   Aluminum electrolytic capacitors
More results

Similar Description - B43511C4827M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43510 EPCOS-B43510 Datasheet
59Kb / 2P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43520A3687M000 EPCOS-B43520A3687M000 Datasheet
261Kb / 11P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43514 EPCOS-B43514 Datasheet
255Kb / 10P
   Capacitors with 4 Snap-In Terminals and Solder Pins
logo
TDK Electronics
B43516 TDK-B43516_15 Datasheet
802Kb / 20P
   Capacitors with 4-pin snap-in terminals and solder pins
B43512 TDK-B43512_15 Datasheet
892Kb / 25P
   Capacitors with 4-/5-pin snap-in terminals and solder pins
logo
EPCOS
B43415 EPCOS-B43415 Datasheet
1Mb / 15P
   Capacitors for pulse applications with snap-in and solder lug terminals
logo
CUI INC
HSS-B20-04 CUI-HSS-B20-04 Datasheet
293Kb / 3P
   available with and without solder pins
logo
PowerDynamics, Inc
42R38-3X2X-XXX POWERDYNAMICS-42R38-3X2X-XXX Datasheet
42Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
42R34-3X2X-XXX POWERDYNAMICS-42R34-3X2X-XXX Datasheet
42Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
42R03-3X5X-XXX POWERDYNAMICS-42R03-3X5X-XXX Datasheet
41Kb / 1P
   IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SNAP-IN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com