Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S20K175E3 Datasheet(PDF) 1 Page - EPCOS

Part # S20K175E3
Description  Leaded Varistors SuperioR Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S20K175E3 Datasheet(HTML) 1 Page - EPCOS

  S20K175E3 Datasheet HTML 1Page - EPCOS S20K175E3 Datasheet HTML 2Page - EPCOS S20K175E3 Datasheet HTML 3Page - EPCOS S20K175E3 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
185 04/02
Construction
I Round varistor element, leaded
I Coating: epoxy resin, flame-retardant to UL 94 V-0
I Terminals: tinned copper wire
Features
I High-energy SuperioR series E3
I Very high surge current ratings of 12 kA
I High energy ratings up to 320 J
I PSpice models
Approvals
I UL, CSA (all types
³ K115)
I CECC
Taping
I For ordering information see page 206 ff, chapter “Leaded Varistors: Taping”
Type designation
Detailed description of coding system on page 39, chapter “General Technical Information”
General technical data
Climatic category
LCT
UCT
Damp heat, steady state
(93 % r.h., 40
°C)
40/85/56
– 40
°C
+ 85
°C
56 days
in accordance with IEC 60068-1
in accordance with IEC 60068-2-3
Operating temperature
– 40 … + 85
°C
in accordance with CECC 42 000
Storage temperature
– 40 … + 125
°C
Electric strength
³ 2,5 kVRMS
in accordance with CECC 42 000
Insulation resistance
³ 10 MW
in accordance with CECC 42 000
Response time
< 25 ns
SIOV-S 20 K 130 E3
Design
Rated diameter of varistor disk
SuperioR series
Max. AC operating voltage
Tolerance of varistor voltage
EPCOS metal oxide varistor
Leaded Varistors
SuperioR Series


Similar Part No. - S20K175E3

ManufacturerPart #DatasheetDescription
logo
EPCOS
S20K175E2 EPCOS-S20K175E2 Datasheet
113Kb / 11P
   Leaded Varistors
More results

Similar Description - S20K175E3

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72220P3381K101 EPCOS-B72220P3381K101 Datasheet
289Kb / 11P
   Leaded Varistors SuperioR-MP series
logo
TDK Electronics
B722 TDK-B722_V01 Datasheet
701Kb / 23P
   Leaded varistors, SuperioR, S25 series
January 2018
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
B72207S0600S212 EPCOS-B72207S0600S212 Datasheet
81Kb / 3P
   Leaded Varistors Telecom Series
B72207S1140K111 EPCOS-B72207S1140K111 Datasheet
970Kb / 46P
   Leaded varistors, StandarD series
S20K625 EPCOS-S20K625 Datasheet
299Kb / 36P
   Leaded varistors, StandarD series
B72207S1140K201 EPCOS-B72207S1140K201 Datasheet
87Kb / 5P
   Leaded Varistors Automotive Series
B72207S600K101 EPCOS-B72207S600K101 Datasheet
299Kb / 36P
   Leaded varistors, StandarD series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com