Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2818AN Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2818AN
Description  BiCMOS POWER FACTOR PREREGULATOR
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2818AN Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC2818AN Datasheet HTML 6Page - Texas Instruments UCC2818AN Datasheet HTML 7Page - Texas Instruments UCC2818AN Datasheet HTML 8Page - Texas Instruments UCC2818AN Datasheet HTML 9Page - Texas Instruments UCC2818AN Datasheet HTML 10Page - Texas Instruments UCC2818AN Datasheet HTML 11Page - Texas Instruments UCC2818AN Datasheet HTML 12Page - Texas Instruments UCC2818AN Datasheet HTML 13Page - Texas Instruments UCC2818AN Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
UCC2817A, UCC2818A
UCC3817A, UCC3818A
SLUS577B − SEPTEMBER, 2003 − REVISED FEBRUARY 2006
10
www.ti.com
APPLICATION INFORMATION
Power switch selection: As in any power supply design, tradeoffs between performance, cost and size have
to be made. When selecting a power switch, it can be useful to calculate the total power dissipation in the switch
for several different devices at the switching frequencies being considered for the converter. Total power
dissipation in the switch is the sum of switching loss and conduction loss. Switching losses are the combination
of the gate charge loss, COSS loss and turnon and turnoff losses:
P
GATE + QGATE
V
GATE
f
S
P
COSS +
1
2
C
OSS
V2
OFF
f
S
P
ON ) POFF +
1
2
V
OFF
I
L
t
ON ) tOFF
f
S
where QGATE is the total gate charge, VGATE is the gate drive voltage, fS is the clock frequency, COSS is the drain
source capacitance of the MOSFET, IL is the peak inductor current, tON and tOFF are the switching times
(estimated using device parameters RGATE, QGD and VTH) and VOFF is the voltage across the switch during the
off time, in this case VOFF = VOUT.
Conduction loss is calculated as the product of the RDS(on) of the switch (at the worst case junction temperature)
and the square of RMS current:
P
COND + RDS(on)
K
I2
RMS
where K is the temperature factor found in the manufacturer’s RDS(on) vs. junction temperature curves.
Calculating these losses and plotting against frequency gives a curve that enables the designer to determine
either which manufacturer’s device has the best performance at the desired switching frequency, or which
switching frequency has the least total loss for a particular power switch. For this design example an IRFP450
HEXFET from International Rectifier was chosen because of its low RDS(on) and its VDSS rating. The IRFP450’s
RDS(on) of 0.4 Ω and the maximum VDSS of 500 V made it an ideal choice. An excellent review of this procedure
can be found in the Unitrode Power Supply Design Seminar SEM1200, Topic 6, Design Review: 140 W, [Multiple
Output High Density DC/DC Converter].
Softstart
The softstart circuitry is used to prevent overshoot of the output voltage during start up. This is accomplished
by bringing up the voltage amplifier’s output (VVAOUT) slowly which allows for the PWM duty cycle to increase
slowly. Please use the following equation to select a capacitor for the softstart pin.
In this example tDELAY is equal to 7.5 ms, which
would yield a CSS of 10 nF.
C
SS +
10
mA
t
DELAY
7.5 V
In an open-loop test circuit, shorting the softstart pin to ground does not ensure 0% duty cycle. This is due to
the current amplifiers input offset voltage, which could force the current amplifier output high or low depending
on the polarity of the offset voltage. However, in the typical application there is sufficient amount of inrush and
bias current to overcome the current amplifier’s offset voltage.
(4)
(5)
(6)
(7)
(8)


Similar Part No. - UCC2818AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2818AN TI1-UCC2818AN Datasheet
946Kb / 31P
[Old version datasheet]   BiMOS POWER FACTOR PREREGULATOR
UCC2818ANG4 TI1-UCC2818ANG4 Datasheet
946Kb / 31P
[Old version datasheet]   BiMOS POWER FACTOR PREREGULATOR
More results

Similar Description - UCC2818AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2818D TI-UCC2818D Datasheet
948Kb / 32P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2817 TI-UCC2817 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2818A-Q1 TI1-UCC2818A-Q1 Datasheet
494Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2817-EP TI-UCC2817-EP_15 Datasheet
477Kb / 24P
[Old version datasheet]   UCC2818A-Q1 BiCMOS Power-Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com