Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2819ANG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # UCC2819ANG4
Description  PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2819ANG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC2819ANG4 Datasheet HTML 7Page - Texas Instruments UCC2819ANG4 Datasheet HTML 8Page - Texas Instruments UCC2819ANG4 Datasheet HTML 9Page - Texas Instruments UCC2819ANG4 Datasheet HTML 10Page - Texas Instruments UCC2819ANG4 Datasheet HTML 11Page - Texas Instruments UCC2819ANG4 Datasheet HTML 12Page - Texas Instruments UCC2819ANG4 Datasheet HTML 13Page - Texas Instruments UCC2819ANG4 Datasheet HTML 14Page - Texas Instruments UCC2819ANG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
UCC2819A
UCC3819A
SLUS579 − OCTOBER, 2003
11
www.ti.com
MECHANICAL DATA
D (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
8 PINS SHOWN
8
0.197
(5,00)
A MAX
A MIN
(4,80)
0.189
0.337
(8,55)
(8,75)
0.344
14
0.386
(9,80)
(10,00)
0.394
16
DIM
PINS **
4040047/E 09/01
0.069 (1,75) MAX
Seating Plane
0.004 (0,10)
0.010 (0,25)
0.010 (0,25)
0.016 (0,40)
0.044 (1,12)
0.244 (6,20)
0.228 (5,80)
0.020 (0,51)
0.014 (0,35)
1
4
8
5
0.150 (3,81)
0.157 (4,00)
0.008 (0,20) NOM
0
°− 8°
Gage Plane
A
0.004 (0,10)
0.010 (0,25)
0.050 (1,27)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0.006 (0,15).


Similar Part No. - UCC2819ANG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2819 TI-UCC2819 Datasheet
156Kb / 10P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC2819 TI1-UCC2819 Datasheet
420Kb / 16P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC2819D TI-UCC2819D Datasheet
156Kb / 10P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC2819D TI1-UCC2819D Datasheet
420Kb / 16P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC2819DTR TI1-UCC2819DTR Datasheet
420Kb / 16P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
More results

Similar Description - UCC2819ANG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2819 TI1-UCC2819_16 Datasheet
420Kb / 16P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC2819 TI-UCC2819 Datasheet
156Kb / 10P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2818D TI-UCC2818D Datasheet
948Kb / 32P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2817 TI-UCC2817 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com