Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43511A9477M000 Datasheet(PDF) 8 Page - EPCOS

Part # B43511A9477M000
Description  Capacitors with 4 Snap-In Terminals and Solder Pins
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43511A9477M000 Datasheet(HTML) 8 Page - EPCOS

Back Button B43511A9477M000 Datasheet HTML 2Page - EPCOS B43511A9477M000 Datasheet HTML 3Page - EPCOS B43511A9477M000 Datasheet HTML 4Page - EPCOS B43511A9477M000 Datasheet HTML 5Page - EPCOS B43511A9477M000 Datasheet HTML 6Page - EPCOS B43511A9477M000 Datasheet HTML 7Page - EPCOS B43511A9477M000 Datasheet HTML 8Page - EPCOS B43511A9477M000 Datasheet HTML 9Page - EPCOS B43511A9477M000 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
195 10/02
B43511 / B43521
Max. Ripple Current 85 °C
Useful life
depending on ambient temperature
TA under ripple current operating conditions1)
1) Refer to page 40 for an explanation on how to interpret the useful life graphs.
Frequency factor of
permissible ripple current
I~
versus frequency
f
Frequency characteristics of
ESR
Typical behavior
100
40
0
50
60
70
80
90
A
˚C
T
B43511/521
1,0
0,5
1,5
2,5
2,0
KAL0537-P
R
Ι~
Ι~
KAL0498-Z
0,7
f
10 1
Hz
0,8
0,9
1,0
1,1
1,2
1,3
1,5
2
10
3
10
10 4
> 400 V
400 V
_
<
B43511/521
Ι
100 Hz
f
~
Ι ~
KAL0327-5
0
f
> 60 ˚C
20 ˚C
10 1
10 2
10 3
10 4
55
Hz
0,5
1,0
1,5
2,0
2,5
B43511/521
ESR
100 Hz
ESR
f


Similar Part No. - B43511A9477M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43511A9477M000 EPCOS-B43511A9477M000 Datasheet
839Kb / 19P
   Aluminum electrolytic capacitors
More results

Similar Description - B43511A9477M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43510 EPCOS-B43510 Datasheet
59Kb / 2P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43520A3687M000 EPCOS-B43520A3687M000 Datasheet
261Kb / 11P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43514 EPCOS-B43514 Datasheet
255Kb / 10P
   Capacitors with 4 Snap-In Terminals and Solder Pins
logo
TDK Electronics
B43516 TDK-B43516_15 Datasheet
802Kb / 20P
   Capacitors with 4-pin snap-in terminals and solder pins
B43512 TDK-B43512_15 Datasheet
892Kb / 25P
   Capacitors with 4-/5-pin snap-in terminals and solder pins
logo
EPCOS
B43415 EPCOS-B43415 Datasheet
1Mb / 15P
   Capacitors for pulse applications with snap-in and solder lug terminals
logo
CUI INC
HSS-B20-04 CUI-HSS-B20-04 Datasheet
293Kb / 3P
   available with and without solder pins
logo
PowerDynamics, Inc
42R38-3X2X-XXX POWERDYNAMICS-42R38-3X2X-XXX Datasheet
42Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
42R34-3X2X-XXX POWERDYNAMICS-42R34-3X2X-XXX Datasheet
42Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
42R03-3X5X-XXX POWERDYNAMICS-42R03-3X5X-XXX Datasheet
41Kb / 1P
   IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SNAP-IN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com