Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIOV-S20K150E3 Datasheet(PDF) 3 Page - EPCOS

Part # SIOV-S20K150E3
Description  Leaded Varistors SuperioR Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SIOV-S20K150E3 Datasheet(HTML) 3 Page - EPCOS

  SIOV-S20K150E3 Datasheet HTML 1Page - EPCOS SIOV-S20K150E3 Datasheet HTML 2Page - EPCOS SIOV-S20K150E3 Datasheet HTML 3Page - EPCOS SIOV-S20K150E3 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
187 04/02
Dimensions
Type
± 1
mm
a
± 1
mm
bmax
mm
smax
mm
hmax
mm
Imin
mm
d
± 0,05
mm
SIOV-S20K115E3
10,0
1,8
22,5
4,8
26,0
30,0
1,0
SIOV-S20K130E3
10,0
2,0
22,5
5,0
26,0
30,0
1,0
SIOV-S20K140E3
10,0
2,1
22,5
5,1
26,0
30,0
1,0
SIOV-S20K150E3
10,0
2,2
22,5
5,2
26,0
30,0
1,0
SIOV-S20K175E3
10,0
2,3
22,5
5,3
26,0
30,0
1,0
SIOV-S20K210E3
10,0
2,4
22,5
5,4
26,0
30,0
1,0
SIOV-S20K230E3
10,0
2,9
22,5
5,9
26,0
30,0
1,0
SIOV-S20K250E3
10,0
3,1
22,5
6,1
27,0
30,0
1,0
SIOV-S20K275E3
10,0
3,3
22,5
6,3
27,0
30,0
1,0
SIOV-S20K300E3
10,0
3,6
22,5
6,6
27,0
30,0
1,0
SIOV-S20K320E3
10,0
3,8
22,5
6,8
27,0
30,0
1,0
Weight
Size
approx.
S20K115 … 320E3
4,0 … 7,0 g
The weight of varistors in
between these voltage classes
can be interpolated.
VAR0408-C
ød
b
s
a
e
Bottom view
e
1)
1) Seating plane according to IEC 60717
SuperioR Series
Leaded Varistors


Similar Part No. - SIOV-S20K150E3

ManufacturerPart #DatasheetDescription
logo
EPCOS
SIOV-S20K150E2 EPCOS-SIOV-S20K150E2 Datasheet
113Kb / 11P
   Leaded Varistors
More results

Similar Description - SIOV-S20K150E3

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72220P3381K101 EPCOS-B72220P3381K101 Datasheet
289Kb / 11P
   Leaded Varistors SuperioR-MP series
logo
TDK Electronics
B722 TDK-B722_V01 Datasheet
701Kb / 23P
   Leaded varistors, SuperioR, S25 series
January 2018
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
B72207S0600S212 EPCOS-B72207S0600S212 Datasheet
81Kb / 3P
   Leaded Varistors Telecom Series
B72207S1140K111 EPCOS-B72207S1140K111 Datasheet
970Kb / 46P
   Leaded varistors, StandarD series
S20K625 EPCOS-S20K625 Datasheet
299Kb / 36P
   Leaded varistors, StandarD series
B72207S1140K201 EPCOS-B72207S1140K201 Datasheet
87Kb / 5P
   Leaded Varistors Automotive Series
B72207S600K101 EPCOS-B72207S600K101 Datasheet
299Kb / 36P
   Leaded varistors, StandarD series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com