Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43510A3228M000 Datasheet(PDF) 8 Page - EPCOS

Part # B43510A3228M000
Description  Capacitors with 4 Snap-In Terminals and Solder Pins
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43510A3228M000 Datasheet(HTML) 8 Page - EPCOS

Back Button B43510A3228M000 Datasheet HTML 3Page - EPCOS B43510A3228M000 Datasheet HTML 4Page - EPCOS B43510A3228M000 Datasheet HTML 5Page - EPCOS B43510A3228M000 Datasheet HTML 6Page - EPCOS B43510A3228M000 Datasheet HTML 7Page - EPCOS B43510A3228M000 Datasheet HTML 8Page - EPCOS B43510A3228M000 Datasheet HTML 9Page - EPCOS B43510A3228M000 Datasheet HTML 10Page - EPCOS B43510A3228M000 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
185 10/02
B43510 / B43520
Miniaturized 85 °C
500
390
35
× 60
520
410
4,1
1,9
B435*0A6397M000
470
35
× 70
430
340
4,8
2,2
B435*0A6477M000
560
35
× 70
360
290
5,2
2,4
B435*0A6567M000
560
40
× 60
360
290
5,1
2,3
B435*0B6567M000
680
35
× 100
300
240
6,6
3,0
B435*0A6687M000
680
40
× 70
300
240
6,0
2,7
B435*0B6687M000
820
35
× 100
250
200
7,3
3,3
B435*0A6827M000
820
40
× 80
250
200
7,0
3,2
B435*0B6827M000
1000
40
× 100
200
160
8,4
3,8
B435*0A6108M000
1000
45
× 70
200
160
7,3
3,3
B43510B6108M000
1200
45
× 100
170
140
9,2
4,2
B43510A6128M000
1500
45
× 100
140
110
10,3
4,7
B43510A6158M000
Capacitors with solder pins are only available in 35 and 40 mm case diameters.
1) For capacitors with short 4 snap-in terminals, see page 181.
Technical data and ordering codes
UR
VDC
CR
100 Hz
20 °C
µF
Case
dimensions
d
× l
mm
ESRmax
100 Hz
20 °C
m
Zmax
10 kHz
20 °C
m
I~max
100 Hz
40 °C
A
I~R
100 Hz
85 °C
A
Ordering code1)
* 1 = 4 snap-in
2 = solder pin


Similar Part No. - B43510A3228M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43510A3228M000 EPCOS-B43510A3228M000 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
More results

Similar Description - B43510A3228M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43510 EPCOS-B43510 Datasheet
59Kb / 2P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43514 EPCOS-B43514 Datasheet
255Kb / 10P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43511 EPCOS-B43511 Datasheet
254Kb / 10P
   Capacitors with 4 Snap-In Terminals and Solder Pins
logo
TDK Electronics
B43516 TDK-B43516_15 Datasheet
802Kb / 20P
   Capacitors with 4-pin snap-in terminals and solder pins
B43512 TDK-B43512_15 Datasheet
892Kb / 25P
   Capacitors with 4-/5-pin snap-in terminals and solder pins
logo
EPCOS
B43415 EPCOS-B43415 Datasheet
1Mb / 15P
   Capacitors for pulse applications with snap-in and solder lug terminals
logo
CUI INC
HSS-B20-04 CUI-HSS-B20-04 Datasheet
293Kb / 3P
   available with and without solder pins
logo
PowerDynamics, Inc
42R38-3X2X-XXX POWERDYNAMICS-42R38-3X2X-XXX Datasheet
42Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
42R34-3X2X-XXX POWERDYNAMICS-42R34-3X2X-XXX Datasheet
42Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
42R03-3X5X-XXX POWERDYNAMICS-42R03-3X5X-XXX Datasheet
41Kb / 1P
   IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SNAP-IN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com