Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APED3528VGC Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APED3528VGC
Description  3.5 x2.8mm SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APED3528VGC Datasheet(HTML) 1 Page - Kingbright Corporation

  APED3528VGC Datasheet HTML 1Page - Kingbright Corporation APED3528VGC Datasheet HTML 2Page - Kingbright Corporation APED3528VGC Datasheet HTML 3Page - Kingbright Corporation APED3528VGC Datasheet HTML 4Page - Kingbright Corporation APED3528VGC Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAH3740
REV NO: V.1
DATE: APR/26/2007
PAGE: 1 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1203005751
3.5 x2.8mm SMD CHIP LED LAMP
PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Part Number: APED3528VGC/A-F01
Green
Features
SINGLE COLOR.
SUITABLE FOR ALL SMT ASSEMBLY AND SOLDER
PROCESS.
IDEAL FOR BACKLIGHTING.
AVAILABLE ON TAPE AND REEL.
PACKAGE: 500PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.
Description
The Green source color devices are made with InGaN on
G-SiC Light Emitting Diode.
Static electricity and surge damage the LEDS.
It is recommended to use a wrist band or
anti-electrostatic glove when handling the LEDs.
All devices, equipment and machinery must be electrically
grounded.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.2(0.008") unless otherwise noted.
3. Specifications are subject to change without notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.


Similar Part No. - APED3528VGC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APED3528VGC-A-F01 KINGBRIGHT-APED3528VGC-A-F01 Datasheet
294Kb / 5P
   3.5 x2.8mm SMD CHIP LED LAMP
APED3528VGC-Z-F01 KINGBRIGHT-APED3528VGC-Z-F01 Datasheet
292Kb / 5P
   3.5 x2.8mm SMD CHIP LED LAMP
APED3528VGC/A-F01 KINGBRIGHT-APED3528VGC/A-F01 Datasheet
294Kb / 5P
   3.5 x2.8mm SMD CHIP LED LAMP
APED3528VGC/Z-F01 KINGBRIGHT-APED3528VGC/Z-F01 Datasheet
292Kb / 5P
   3.5 x2.8mm SMD CHIP LED LAMP
More results

Similar Description - APED3528VGC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APED3528SECK-F01 KINGBRIGHT-APED3528SECK-F01 Datasheet
274Kb / 5P
   3.5 x2.8mm SMD CHIP LED LAMP
APED3528SURC-F01 KINGBRIGHT-APED3528SURC-F01 Datasheet
118Kb / 4P
   3.5 x2.8mm SMD CHIP LED LAMP
APED3528VGC-Z-F01 KINGBRIGHT-APED3528VGC-Z-F01 Datasheet
292Kb / 5P
   3.5 x2.8mm SMD CHIP LED LAMP
APED3528PBC KINGBRIGHT-APED3528PBC Datasheet
161Kb / 5P
   3.5 x2.8mm SMD CHIP LED LAMP
APED3528SRC-F01 KINGBRIGHT-APED3528SRC-F01 Datasheet
187Kb / 5P
   3.5 x2.8mm SMD CHIP LED LAMP
APED3528SYCK-F01 KINGBRIGHT-APED3528SYCK-F01 Datasheet
276Kb / 5P
   3.5 x2.8mm SMD CHIP LED LAMP
APED3528CGCK-F01 KINGBRIGHT-APED3528CGCK-F01 Datasheet
275Kb / 5P
   3.5 x2.8mm SMD CHIP LED LAMP
APED3528MGC KINGBRIGHT-APED3528MGC Datasheet
106Kb / 4P
   3.5 x2.8mm SMD CHIP LED LAMP
APED3528SYC KINGBRIGHT-APED3528SYC Datasheet
107Kb / 4P
   3.5 x2.8mm SMD CHIP LED LAMP
APED3528SECK-J3 KINGBRIGHT-APED3528SECK-J3 Datasheet
268Kb / 5P
   3.5 x2.8mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com