Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2818ADRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC2818ADRG4
Description  BiCMOS POWER FACTOR PREREGULATOR
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2818ADRG4 Datasheet(HTML) 2 Page - Texas Instruments

  UCC2818ADRG4 Datasheet HTML 1Page - Texas Instruments UCC2818ADRG4 Datasheet HTML 2Page - Texas Instruments UCC2818ADRG4 Datasheet HTML 3Page - Texas Instruments UCC2818ADRG4 Datasheet HTML 4Page - Texas Instruments UCC2818ADRG4 Datasheet HTML 5Page - Texas Instruments UCC2818ADRG4 Datasheet HTML 6Page - Texas Instruments UCC2818ADRG4 Datasheet HTML 7Page - Texas Instruments UCC2818ADRG4 Datasheet HTML 8Page - Texas Instruments UCC2818ADRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
UCC2817A, UCC2818A
UCC3817A, UCC3818A
SLUS577B − SEPTEMBER, 2003 − REVISED FEBRUARY 2006
2
www.ti.com
DESCRIPTION (CONTINUED)
The UCC3817A/18A family of PFC Controllers is directly pin for pin compatible with the UCC3817/18 family of
devices. Only the output stage of UCC3817A family has been modified to allow use of a smaller external gate
drive resistor values. For some power supply designs where an adequately high enough gate drive resistor can
not be used, the UCC3817A/18A family offers a more robust output stage at the cost of increasing the internal
gate resistances. The gate drive of the UC3817A/18A family however remains strong at
±1.2 A of peak current
capability.
UCC3817A offers an on-chip shunt regulator with low start-up current, suitable for applications utilizing a
bootstrap supply. UCC3818A is intended for applications with a fixed supply (VCC). Both devices are available
in the 16-pin D, N and PW packages.
PIN CONNECTION DIAGRAM
D, N, AND PW PACKAGES
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
PKLMT
CAOUT
CAI
MOUT
IAC
VAOUT
VFF
DRVOUT
VCC
CT
SS
RT
VSENSE
OVP/EN
VREF
AVAILABLE OPTIONS TABLE
PACKAGE DEVICES
T
= T
SOIC (D) PACKAGE(1)
PDIP (N) PACKAGE
TSSOP (PW) PACKAGE(1)
TA = TJ
Turn-on
Threshold
16 V
Turn-on
Threshold
10.2 V
Turn-on
Threshold
16 V
Turn-on
Threshold
10.2 V
Turn-on
Threshold
16 V
Turn-on
Threshold
10.2 V
−40
°C to 85°C
UCC2817AD
UCC2818AD
UCC2817AN
UCC2818AN
UCC2817APW
UCC2818APW
0
°C to 70°C
UCC3817AD
UCC3818AD
UCC3817AN
UCC3818AN
UCC3817APW
UCC3818APW
NOTES: (1) The D and PW packages are available taped and reeled. Add R suffix to the device type (e.g. UCC3817ADR) to order quantities
of 2,500 devices per reel (D package) and 2,000 devices per reel (for PW package). Bulk quantities are 40 units (D package) and
90 units (PW package) per tube.
THERMAL RESISTANCE TABLE
PACKAGE
θjc(°C/W)
θja(°C/W)
SOIC−16 (D)
22
40 to 70 (1)
PDIP−16 (N)
12
25 to 50 (1)
TSSOP−16 (PW)
14 (2)
123 to 147 (2)
NOTES: (1) Specified
θja (junction to ambient) is for devices mounted to 5-inch2 FR4 PC board with one ounce copper
where noted. When resistance range is given, lower values are for 5 inch2 aluminum PC board. Test PWB
was 0.062 inch thick and typically used 0.635-mm trace widths for power packages and 1.3-mm trace
widths for non-power packages with a 100-mil x 100-mil probe land area at the end of each trace.
(2) Modeled data. If value range given for
θja, lower value is for 3x3 inch. 1 oz internal copper ground plane,
higher value is for 1x1-inch. ground plane. All model data assumes only one trace for each non-fused
lead.


Similar Part No. - UCC2818ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2818ADR TI1-UCC2818ADR Datasheet
946Kb / 31P
[Old version datasheet]   BiMOS POWER FACTOR PREREGULATOR
More results

Similar Description - UCC2818ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2818D TI-UCC2818D Datasheet
948Kb / 32P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2817 TI-UCC2817 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2818A-Q1 TI1-UCC2818A-Q1 Datasheet
494Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2817-EP TI-UCC2817-EP_15 Datasheet
477Kb / 24P
[Old version datasheet]   UCC2818A-Q1 BiCMOS Power-Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com