Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC144EU Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PDTC144EU
Description  NPN resistor-equipped transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC144EU Datasheet(HTML) 4 Page - NXP Semiconductors

  PDTC144EU Datasheet HTML 1Page - NXP Semiconductors PDTC144EU Datasheet HTML 2Page - NXP Semiconductors PDTC144EU Datasheet HTML 3Page - NXP Semiconductors PDTC144EU Datasheet HTML 4Page - NXP Semiconductors PDTC144EU Datasheet HTML 5Page - NXP Semiconductors PDTC144EU Datasheet HTML 6Page - NXP Semiconductors PDTC144EU Datasheet HTML 7Page - NXP Semiconductors PDTC144EU Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Apr 16
4
Philips Semiconductors
Objective specification
NPN resistor-equipped transistor
PDTC144EU
Fig.3
DC current gain as a function of collector
current; typical values.
VCE =5V.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −40 °C.
handbook, halfpage
MGM928
10−1
110
102
IC (mA)
hFE
103
10
102
1
(1)
(2)
(3)
Fig.4
Collector-emitter saturation voltage as a
function of collector current; typical values.
IC/IB = 20.
(1) Tamb = 100 °C.
(2) Tamb =25 °C.
(3) Tamb = −40 °C.
handbook, halfpage
10−1
MGM927
10−2
VCEsat
(V)
(2)
(3)
(1)
10−1
110
102
IC (mA)
Fig.5
Input-off voltage as a function of collector
current; typical values.
VCE =5V.
(1) Tamb = −40 °C.
(2) Tamb =25 °C.
(3) Tamb = 100 °C.
handbook, halfpage
10
(2)
(3)
(1)
1
10−1
MGM930
10−2
10−1
110
IC (mA)
Vi(off)
(V)
Fig.6
Input-on voltage as a function of collector
current; typical values.
VCE = 0.3 V.
(1) Tamb = −40 °C.
(2) Tamb =25 °C.
(3) Tamb = 100 °C.
handbook, halfpage
102
1
10
10−1
MGM929
10−1
110
102
IC (mA)
Vi(on)
(V)
(1) (2) (3)


Similar Part No. - PDTC144EU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144EU PHILIPS-PDTC144EU Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k ohm, R2 = 47 k ohm
2004 Aug 17
PDTC144EU PHILIPS-PDTC144EU Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PDTC144EU NXP-PDTC144EU Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 17
PDTC144EU PHILIPS-PDTC144EU Datasheet
760Kb / 17P
   NPN resistor-equipped transistors
Rev. 9-15 November 2011
logo
Nexperia B.V. All right...
PDTC144EU NEXPERIA-PDTC144EU Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 9 - 15 November 2011
More results

Similar Description - PDTC144EU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114EK PHILIPS-PDTC114EK Datasheet
66Kb / 8P
   NPN resistor-equipped transistor
1998 Nov 26
PDTC114TE PHILIPS-PDTC114TE Datasheet
58Kb / 8P
   NPN resistor-equipped transistor
1998 Aug 03
PDTC114TU PHILIPS-PDTC114TU Datasheet
48Kb / 8P
   NPN resistor-equipped transistor
1999 Apr 16
PDTC114YT PHILIPS-PDTC114YT Datasheet
50Kb / 8P
   NPN resistor-equipped transistor
1999 May 21
PDTC114YU PHILIPS-PDTC114YU Datasheet
53Kb / 8P
   NPN resistor-equipped transistor
1999 Apr 20
PDTC124EE PHILIPS-PDTC124EE Datasheet
66Kb / 8P
   NPN resistor-equipped transistor
1998 Jul 31
PDTC124ET PHILIPS-PDTC124ET Datasheet
50Kb / 8P
   NPN resistor-equipped transistor
1999 Apr 16
PDTC124XEF PHILIPS-PDTC124XEF Datasheet
63Kb / 8P
   NPN resistor-equipped transistor
1999 May 18
PDTC143EE PHILIPS-PDTC143EE Datasheet
65Kb / 8P
   NPN resistor-equipped transistor
1998 Jul 31
PDTC143ES PHILIPS-PDTC143ES Datasheet
69Kb / 8P
   NPN resistor-equipped transistor
1998 May 20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com