Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APED3820SRC-F01 Datasheet(PDF) 2 Page - Kingbright Corporation

Part # APED3820SRC-F01
Description  3.8x2.0mm DOME LENS SMD CHIP LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APED3820SRC-F01 Datasheet(HTML) 2 Page - Kingbright Corporation

  APED3820SRC-F01 Datasheet HTML 1Page - Kingbright Corporation APED3820SRC-F01 Datasheet HTML 2Page - Kingbright Corporation APED3820SRC-F01 Datasheet HTML 3Page - Kingbright Corporation APED3820SRC-F01 Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAF1201
REV NO: V.1
DATE: MAR/16/2005
PAGE: 2 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: H.Q.YUAN
ERP:1203001183
Selection Guide
Note:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Iv (mcd)
@ 20mA
Viewing
Angle
Min.
Typ.
2
θ1/2
APED3820SRC-F01
SUPER BRIGHT RED (GaAlAs)
WATER CLEAR
110
240
60°(H)
35°(V)
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
Super Bright Red
660
nm
IF=20mA
λD
Dominant Wavelength
Super Bright Red
640
nm
IF=20mA
∆λ1/2
Spectral Line Half-width
Super Bright Red
20
nm
IF=20mA
C
Capacitance
Super Bright Red
45
pF
VF=0V;f=1MHz
VF
Forward Voltage
Super Bright Red
1.85
2.5
V
IF=20mA
IR
Reverse Current
Super Bright Red
10
uA
VR = 5V
Parameter
Super Bright Red
Units
Power dissipation
100
mW
DC Forward Current
30
mA
Peak Forward Current [1]
155
mA
Reverse Voltage
5
V
Operating / Storage Temperature
-40°C To +85°C


Similar Part No. - APED3820SRC-F01

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APED3820SEC-F01 KINGBRIGHT-APED3820SEC-F01 Datasheet
114Kb / 4P
   3.8x2.0mm DOME LENS SMD CHIP LED LAMP
APED3820SECK-F01 KINGBRIGHT-APED3820SECK-F01 Datasheet
290Kb / 5P
   3.8x2.0mm DOME LENS SMD CHIP LED LAMP
APED3820SGC KINGBRIGHT-APED3820SGC Datasheet
115Kb / 4P
   3.8x2.0mm DOME LENS SMD CHIP LED LAMP
APED3820SURC-F01 KINGBRIGHT-APED3820SURC-F01 Datasheet
113Kb / 4P
   3.8x2.0mm DOME LENS SMD CHIP LED LAMP
APED3820SURCK-F01 KINGBRIGHT-APED3820SURCK-F01 Datasheet
291Kb / 5P
   3.8x2.0mm DOME LENS SMD CHIP LED LAMP
More results

Similar Description - APED3820SRC-F01

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APED3820VGC KINGBRIGHT-APED3820VGC Datasheet
298Kb / 5P
   3.8x2.0mm DOME LENS SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2CR79W SUNLED-ZM2CR79W Datasheet
189Kb / 4P
   3.8x2.0mm DOME LENS SMD CHIP LED LAMP
ZMD79W SUNLED-ZMD79W Datasheet
190Kb / 4P
   3.8x2.0mm DOME LENS SMD CHIP LED LAMP
ZM2BB79W SUNLED-ZM2BB79W Datasheet
193Kb / 4P
   3.8x2.0mm DOME LENS SMD CHIP LED LAMP
logo
Kingbright Corporation
APED3820VGC-Z-F01 KINGBRIGHT-APED3820VGC-Z-F01 Datasheet
298Kb / 5P
   3.8x2.0mm DOME LENS SMD CHIP LED LAMP
APED3820MGC KINGBRIGHT-APED3820MGC Datasheet
113Kb / 4P
   3.8x2.0mm DOME LENS SMD CHIP LED LAMP
APED3820SYC KINGBRIGHT-APED3820SYC Datasheet
94Kb / 4P
   3.8x2.0mm DOME LENS SMD CHIP LED LAMP
APED3820CGCK-F01 KINGBRIGHT-APED3820CGCK-F01 Datasheet
293Kb / 5P
   3.8x2.0mm DOME LENS SMD CHIP LED LAMP
APED3820YC KINGBRIGHT-APED3820YC Datasheet
106Kb / 4P
   3.8x2.0mm DOME LENS SMD CHIP LED LAMP
APED3820PBC KINGBRIGHT-APED3820PBC Datasheet
295Kb / 5P
   3.8x2.0mm DOME LENS SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com