Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S14K30AUTO Datasheet(PDF) 2 Page - EPCOS

Part # S14K30AUTO
Description  Leaded Varistors Automotive Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S14K30AUTO Datasheet(HTML) 2 Page - EPCOS

  S14K30AUTO Datasheet HTML 1Page - EPCOS S14K30AUTO Datasheet HTML 2Page - EPCOS S14K30AUTO Datasheet HTML 3Page - EPCOS S14K30AUTO Datasheet HTML 4Page - EPCOS S14K30AUTO Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
194 04/02
Maximum ratings (TA = 85 °C, TA = 125 °C for S…D1)
Type
(untaped)
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
WLD
(10x)
J
12-V supply systems
S07K14AUTOS2D1
B72207S1140K201
14
16
250
0,9
0,02
12
S10K14AUTO
B72210S1140K102
14
16
500
2,0
0,05
25
S10K14AUTOS5D1
B72210S1140K501
14
16
500
2,0
0,05
25
S14K14AUTO
B72214S1140K102
14
16
1000
4,0
0,10
50
S14K14AUTOS5D1
B72214S1140K501
14
16
1000
4,0
0,10
50
S20K14AUTO
B72220S1140K102
14
16
2000
12,0
0,20
100
S10K17AUTO
B72210S1170K102
17
20
500
2,5
0,05
25
S14K17AUTO
B72214S1170K102
17
20
1000
5,0
0,10
50
S20K17AUTO
B72220S1170K102
17
20
2000
14,0
0,20
100
24-V supply systems
S20K25AUTO
B72220S1250K102
25
28
2000
22,0
0,20
100
S14K30AUTO
B72214S1300K102
30
34
1000
9,0
0,10
50
S20K30AUTO
B72220S1300K102
30
34
2000
26,0
0,20
100
Automotive Series
Leaded Varistors


Similar Part No. - S14K30AUTO

ManufacturerPart #DatasheetDescription
logo
EPCOS
S14K30 EPCOS-S14K30 Datasheet
140Kb / 16P
   Leaded Varistors
S14K300 EPCOS-S14K300 Datasheet
140Kb / 16P
   Leaded Varistors
S14K300E2 EPCOS-S14K300E2 Datasheet
113Kb / 11P
   Leaded Varistors
S14K300E2K1 EPCOS-S14K300E2K1 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
More results

Similar Description - S14K30AUTO

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VR20AS18F390RTR2 AVX-VR20AS18F390RTR2 Datasheet
98Kb / 2P
   Radial Leaded Automotive Varistors
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
B72207S0600S212 EPCOS-B72207S0600S212 Datasheet
81Kb / 3P
   Leaded Varistors Telecom Series
B72207S1140K111 EPCOS-B72207S1140K111 Datasheet
970Kb / 46P
   Leaded varistors, StandarD series
B72220S3111K101 EPCOS-B72220S3111K101 Datasheet
80Kb / 4P
   Leaded Varistors SuperioR Series
S20K625 EPCOS-S20K625 Datasheet
299Kb / 36P
   Leaded varistors, StandarD series
B72207S600K101 EPCOS-B72207S600K101 Datasheet
299Kb / 36P
   Leaded varistors, StandarD series
logo
TDK Electronics
S07K130GS2 TDK-S07K130GS2 Datasheet
928Kb / 46P
   Leaded varistors, StandarD series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com