Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIOV-S14K30AUTO Datasheet(PDF) 4 Page - EPCOS

Part # SIOV-S14K30AUTO
Description  Leaded Varistors Automotive Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SIOV-S14K30AUTO Datasheet(HTML) 4 Page - EPCOS

  SIOV-S14K30AUTO Datasheet HTML 1Page - EPCOS SIOV-S14K30AUTO Datasheet HTML 2Page - EPCOS SIOV-S14K30AUTO Datasheet HTML 3Page - EPCOS SIOV-S14K30AUTO Datasheet HTML 4Page - EPCOS SIOV-S14K30AUTO Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
196 04/02
For crimp styles S2 and S5 see page 212
Dimensions
Type
± 1
mm
a
± 1
mm
bmax
mm
smax
mm
hmax
mm
Imin
mm
d
± 0,05
mm
SIOV-S07K14AUTOS2D1
5,0
1,3
9,0
3,5
12,5
30,0
0,6
SIOV-S10K14AUTO
7,5
1,5
13,0
5,0
16,5
30,0
0,8
SIOV-S10K14AUTOS5D1
7,5
1,5
12,0
4,0
16,0
30,0
0,8
SIOV-S14K14AUTO
7,5
1,5
17,0
5,0
20,5
30,0
0,8
SIOV-S14K14AUTOS5D1
7,5
1,5
16,0
4,0
20,0
30,0
0,8
SIOV-S20K14AUTO
10,0
1,6
23,0
5,4
27,5
30,0
1,0
SIOV-S10K17AUTO
7,5
1,6
13,0
5,1
16,5
30,0
0,8
SIOV-S14K17AUTO
7,5
1,7
17,0
5,1
20,5
30,0
0,8
SIOV-S20K17AUTO
10,0
1,6
23,0
5,6
27,5
30,0
1,0
SIOV-S20K25AUTO
10,0
2,9
23,0
6,2
27,5
30,0
1,0
SIOV-S14K30AUTO
7,5
1,8
17,0
5,3
20,5
30,0
0,8
SIOV-S20K30AUTO
10,0
3,2
23,0
6,5
27,5
30,0
1,0
Weight
Size
approx.
S07
0,6 … 0,8 g
S10
1,0 … 2,0 g
S14
2,0 … 4,0 g
S20
3,0 … 6,0 g
ød
bs
e
a
AUTO
VAR0401-Y
e
Bottom view
1) Seating plane in accordance with IEC 60717
1)
Automotive Series
Leaded Varistors


Similar Part No. - SIOV-S14K30AUTO

ManufacturerPart #DatasheetDescription
logo
EPCOS
SIOV-S14K30 EPCOS-SIOV-S14K30 Datasheet
1Mb / 69P
   SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
SIOV-S14K300E2 EPCOS-SIOV-S14K300E2 Datasheet
113Kb / 11P
   Leaded Varistors
logo
TDK Electronics
SIOV-S14K300E2K11 TDK-SIOV-S14K300E2K11 Datasheet
1Mb / 22P
   SIOV metal oxide varistors Leaded varistors, AdvanceD, S14 compact series
April 2022 Version:2
logo
EPCOS
SIOV-S14K300G5 EPCOS-SIOV-S14K300G5 Datasheet
226Kb / 16P
   Leaded Varistors Taping
SIOV-S14K300G5S5 EPCOS-SIOV-S14K300G5S5 Datasheet
226Kb / 16P
   Leaded Varistors Taping
More results

Similar Description - SIOV-S14K30AUTO

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VR20AS18F390RTR2 AVX-VR20AS18F390RTR2 Datasheet
98Kb / 2P
   Radial Leaded Automotive Varistors
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
B72207S0600S212 EPCOS-B72207S0600S212 Datasheet
81Kb / 3P
   Leaded Varistors Telecom Series
B72207S1140K111 EPCOS-B72207S1140K111 Datasheet
970Kb / 46P
   Leaded varistors, StandarD series
B72220S3111K101 EPCOS-B72220S3111K101 Datasheet
80Kb / 4P
   Leaded Varistors SuperioR Series
S20K625 EPCOS-S20K625 Datasheet
299Kb / 36P
   Leaded varistors, StandarD series
B72207S600K101 EPCOS-B72207S600K101 Datasheet
299Kb / 36P
   Leaded varistors, StandarD series
logo
TDK Electronics
S07K130GS2 TDK-S07K130GS2 Datasheet
928Kb / 46P
   Leaded varistors, StandarD series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com