Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL60113 Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # ZL60113
Description  12 x 3.125 Gbps Parallel Fiber Optic Link Transmitter and Receiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL60113 Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button ZL60113 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL60113 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL60113 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL60113 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL60113 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL60113 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL60113 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL60113 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL60113 Datasheet HTML 11Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ZL60113/4
Data Sheet
7
Zarlink Semiconductor Inc.
Transmitter Control and Status Timing Diagrams
The following figures show the timing relationships of the status and control signals of the pluggable optical
transmitter.
Figure 3 - Transmitter Power-up Sequence
Figure 4 - Transmitter Fault Signal Timing Diagram
Transmitter Not Ready
Normal Operation
VCC
Tx Output [1:12]
TTEN
RESET: floating or high
No Fault
Fault
TFA
TFD
FAULT
Data [1:12]
Tx Output [1:12]


Similar Part No. - ZL60113

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60101 ZARLINK-ZL60101 Datasheet
347Kb / 20P
   12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
ZL60101MJD ZARLINK-ZL60101MJD Datasheet
347Kb / 20P
   12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
ZL60101MLDC ZARLINK-ZL60101MLDC Datasheet
326Kb / 6P
   12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
ZL60101 ZARLINK-ZL60101_07 Datasheet
326Kb / 6P
   12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
ZL60102 ZARLINK-ZL60102 Datasheet
347Kb / 20P
   12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
More results

Similar Description - ZL60113

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60101 ZARLINK-ZL60101_07 Datasheet
326Kb / 6P
   12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
ZL60105 ZARLINK-ZL60105 Datasheet
481Kb / 20P
   12 x 1.6 Gbps Parallel Fiber Optic Link Transmitter and Receiver
ZL60101 ZARLINK-ZL60101 Datasheet
347Kb / 20P
   12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
ZL60304 ZARLINK-ZL60304 Datasheet
382Kb / 19P
   Parallel Fiber Optic Transceiver (4 4) x 3.125 Gbps
logo
Broadcom Corporation.
AFBR-732BWZ BOARDCOM-AFBR-732BWZ Datasheet
434Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
Agilent(Hewlett-Packard...
AFBR-732B HP-AFBR-732B Datasheet
391Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-732BZ AVAGO-AFBR-732BZ Datasheet
398Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BZ AVAGO-HFBR-779BZ Datasheet
275Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com