Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59044R0120A010 Datasheet(PDF) 2 Page - EPCOS

Part # B59044R0120A010
Description  Heating Elements Metallized Rectangular Disks, 42 V Power Net
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59044R0120A010 Datasheet(HTML) 2 Page - EPCOS

  B59044R0120A010 Datasheet HTML 1Page - EPCOS B59044R0120A010 Datasheet HTML 2Page - EPCOS B59044R0120A010 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
203 10/02
Electrical specifications and ordering codes
TRef
°C
Rmin
(V = VN)
Tsurf1)
(V = VN)
°C
RN
(Vmeas ≤ 1,5 V)
Ordering code
120
12
135
40
B59044R0120A010
140
12
155
40
B59044R0140A010
160
10
175
40
B59044R0160A010
Characteristics (typical)
PTC resistance RPTC versus PTC temperature TPTC
(measured at low signal voltage)
1) Measured between points
TPT0747-2
10 1
R
T
PTC
PTC
˚C
0
50
100
150
200
250
120 ˚C
160 ˚C
140 ˚C
2
10
3
10
4
10
5
10
6
10
7
10
8
10
Ref
T
B59044R01*0A010
B59044
R 44
Metallized Rectangular Disks, 42 V Power Net
Heating Elements


Similar Part No. - B59044R0120A010

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59044A1120B110 EPCOS-B59044A1120B110 Datasheet
190Kb / 8P
   PTC thermistors for overcurrent protection in telecom applications
More results

Similar Description - B59044R0120A010

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59062 EPCOS-B59062 Datasheet
78Kb / 3P
   Metallized Round Disks, 42 V Power Net Heating Elements
B59101 EPCOS-B59101 Datasheet
68Kb / 4P
   Heating Elements Metallized Rectangular Disks, 230 V
B59053 EPCOS-B59053 Datasheet
76Kb / 3P
   Heating Elements Metallized Round Disks, 230 V
B59065 EPCOS-B59065 Datasheet
82Kb / 3P
   Heating Elements Metallized Round Disks, 230 V
B59060 EPCOS-B59060 Datasheet
82Kb / 3P
   Metallized Round Disks, 12 V Heating Elements
B59943 EPCOS-B59943 Datasheet
71Kb / 3P
   Overcurrent Protection Leaded Disks, Coated, 42 V Power Net
B59102R0050A010 EPCOS-B59102R0050A010_12 Datasheet
89Kb / 9P
   PTC thermistors as heating elements
B59053A0110A010 EPCOS-B59053A0110A010 Datasheet
213Kb / 8P
   PTC thermistors as heating elements
B59041R0080A010 EPCOS-B59041R0080A010_12 Datasheet
77Kb / 8P
   PTC thermistors as heating elements
B59060A0000A010 EPCOS-B59060A0000A010_12 Datasheet
73Kb / 8P
   PTC thermistors as heating elements
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com