Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65659F0001X101 Datasheet(PDF) 7 Page - EPCOS

Part # B65659F0001X101
Description  RM cores are supplied in sets
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65659F0001X101 Datasheet(HTML) 7 Page - EPCOS

Back Button B65659F0001X101 Datasheet HTML 3Page - EPCOS B65659F0001X101 Datasheet HTML 4Page - EPCOS B65659F0001X101 Datasheet HTML 5Page - EPCOS B65659F0001X101 Datasheet HTML 6Page - EPCOS B65659F0001X101 Datasheet HTML 7Page - EPCOS B65659F0001X101 Datasheet HTML 8Page - EPCOS B65659F0001X101 Datasheet HTML 9Page - EPCOS B65659F0001X101 Datasheet HTML 10Page - EPCOS B65659F0001X101 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
208 08/01
Coil former for power applications with angled pins
Optimized for automatic winding
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155
°C), color code black
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235
°C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350
°C, 3,5 s
Winding:
see “Processing Notes”, page 153
For matching clamp and insulating washer 1 see page 210
Sections
AN
mm2
lN
mm
AR value
µΩ
Pins
Ordering code
1
15
30
69
8
B65808-E1508-T1
FRM0298-Y
11,2+0,3
8,5+0,2
0,5
Core
15,24
Ground ø1,3+0,15
ø1+0,15
6,5+0,2
0,4
18,4 _
0,3
3,3 _
ø7,55 0,2
_
Marking of pin 1
1
4
5
8
Hole arrangement
View in mounting direction
B65808
Accessories
RM 6


Similar Part No. - B65659F0001X101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65659F0001X101 EPCOS-B65659F0001X101 Datasheet
153Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
More results

Similar Description - B65659F0001X101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65805-P EPCOS-B65805-P Datasheet
89Kb / 2P
   RM cores are supplied in sets
B65819 EPCOS-B65819 Datasheet
144Kb / 6P
   RM cores are supplied in sets
B65807-P EPCOS-B65807-P Datasheet
90Kb / 2P
   RM cores are supplied in sets
B65811 EPCOS-B65811 Datasheet
236Kb / 9P
   RM cores are supplied in sets
B65813 EPCOS-B65813 Datasheet
200Kb / 8P
   RM 10 RM cores are supplied in sets
B65501-D-R33 EPCOS-B65501-D-R33 Datasheet
85Kb / 3P
   Pot cores are supplied in sets
B65511 EPCOS-B65511 Datasheet
103Kb / 4P
   Pot cores are supplied in sets
B65491 EPCOS-B65491 Datasheet
72Kb / 2P
   P 3,3 횞 2,6 Pot cores are supplied in sets
logo
YUXIANG Magnetc materia...
RM4A YUXIANG-RM4A Datasheet
59Kb / 2P
   RM CORES
logo
Ferroxcube Internationa...
RM4-3D3-E40 FERROXCUBE-RM4-3D3-E40 Datasheet
74Kb / 6P
   RM, RM/I, RM/ILP cores and
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com