Electronic Components Datasheet Search |
|
B65807-C40-A1 Datasheet(PDF) 10 Page - EPCOS |
|
B65807-C40-A1 Datasheet(HTML) 10 Page - EPCOS |
10 / 13 page 211 08/01 SMD coil former with gullwing terminals Material: GFR liquid crystal polymer (UL 94 V-0, insulation class to IEC 60085: F max. operating temperature 155 °C), color code black Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 350 °C, 1 s Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3,5 s permissible soldering temperature for wire-wrap connection on coil former: 400 °C,1 s Winding: see “Processing Notes”, page 160 Clamp I Without ground terminal, made of stainless spring steel, 0,435 mm thick I Also available as strip clamp (each carton containing 2 reels) on request Coil former Clamp Sections AN mm2 lN mm AR value µΩ Terminals Ordering code 1 16,2 31 66 8 B65821-C1008-T1 2 15,2 31 69 8 B65821-C1008-T2 Clamp (ordering code per piece, 2 are required) B65808-J2204 FRM0238-Q ø6,5+0,15 1 Kammer 2 Kammer 11,1+0,2 22,8 2,5 Empfehlung für das Leiterplattenlayout 1 2 3 45 6 7 8 0,2 ø12,3 _ 0,1 ø7,45 _ 0,2 16,7 _ 0,3 22 _ Recommended PCB layout 1 section 2 sections B65821 B65808 Accessories RM 6 |
Similar Part No. - B65807-C40-A1 |
|
Similar Description - B65807-C40-A1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |