Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3A24159YZPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TS3A24159YZPR
Description  0.3-W DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3A24159YZPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS3A24159YZPR Datasheet HTML 7Page - Texas Instruments TS3A24159YZPR Datasheet HTML 8Page - Texas Instruments TS3A24159YZPR Datasheet HTML 9Page - Texas Instruments TS3A24159YZPR Datasheet HTML 10Page - Texas Instruments TS3A24159YZPR Datasheet HTML 11Page - Texas Instruments TS3A24159YZPR Datasheet HTML 12Page - Texas Instruments TS3A24159YZPR Datasheet HTML 13Page - Texas Instruments TS3A24159YZPR Datasheet HTML 14Page - Texas Instruments TS3A24159YZPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
www.ti.com
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1E+04
1E+05
1E+06
1E+07
1E+08
1E+09
Frequency(Hz)
1.8V
2.5V
3.0V
1.8V
2.5V
3.0V
–12
0
–10
0
80
60
40
20
0
1E+04
1E+05
1E+06
1E+07
1E+08
1E+09
Frequency(Hz)
0.000
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.008
0.009
1E+00
1E+01
1E+02
1E+03
1E+04
1E+05
Frequency(Hz)
1.8V
2.5V
3.0V
TS3A24159
0.3-
Ω DUAL SPDT ANALOG SWITCH
DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
SCDS238 – MARCH 2007
TYPICAL PERFORMANCE (continued)
Figure 7. OFF Isolation
Figure 8. Crosstalk
Figure 9. Total Harmonic Distortion vs Frequency
11
Submit Documentation Feedback


Similar Part No. - TS3A24159YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A24159YZPR TI-TS3A24159YZPR Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159YZPR TI1-TS3A24159YZPR Datasheet
1Mb / 31P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS3A24159YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A24159 TI-TS3A24159_08 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI1-TS3A24159_14 Datasheet
1Mb / 31P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI-TS3A24159_15 Datasheet
1Mb / 32P
[Old version datasheet]   TS3A24159 0.3-廓 2-Channel SPDT Bidirectional Analog Switch Dual-Channel 2:1 Multiplexer and Demultiplexer
TS3A24157 TI-TS3A24157_09 Datasheet
768Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI1-TS3A24157_14 Datasheet
1Mb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_1 Datasheet
756Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157 Datasheet
790Kb / 25P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_15 Datasheet
1,017Kb / 26P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_10 Datasheet
743Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI1-TS5A23160_14 Datasheet
528Kb / 26P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com