Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A3159ADCKR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A3159ADCKR
Description  1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3159ADCKR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TS5A3159ADCKR Datasheet HTML 5Page - Texas Instruments TS5A3159ADCKR Datasheet HTML 6Page - Texas Instruments TS5A3159ADCKR Datasheet HTML 7Page - Texas Instruments TS5A3159ADCKR Datasheet HTML 8Page - Texas Instruments TS5A3159ADCKR Datasheet HTML 9Page - Texas Instruments TS5A3159ADCKR Datasheet HTML 10Page - Texas Instruments TS5A3159ADCKR Datasheet HTML 11Page - Texas Instruments TS5A3159ADCKR Datasheet HTML 12Page - Texas Instruments TS5A3159ADCKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
www.ti.com
Electrical Characteristics for 2.5-V Supply
(1) (Continued)
TS5A3159A
1-
Ω SPDT ANALOG SWITCH
5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
SCDS200A – AUGUST 2005 – REVISED FEBRUARY 2007
V
+ = 2.3 V to 2.7, TA = –40°C to 85°C (unless otherwise noted)
UNI
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP MAX
T
Dynamic
25°C
2.5 V
5
22
40
VCOM = V+,
CL = 35 pF,
Turn-on time
tON
ns
2.3 V to
RL = 50 Ω,
See Figure 19
Full
5
50
2.7 V
25°C
2.5 V
2
6
35
VCOM = V+,
CL = 35 pF,
Turn-off time
tOFF
ns
2.3 V to
RL = 50 Ω,
See Figure 19
Full
2
50
2.7 V
25°C
2.5 V
2
13
35
Break-before-
VNC = VNO = V+,
CL = 35 pF,
tBBM
ns
2.3 V to
make time
RL = 50 Ω,
See Figure 20
Full
2
45
2.7 V
VGEN = 0,
CL = 1 nF,
Charge injection
QC
25°C
2.5 V
–7
pC
RGEN = 0,
See Figure 24
NC, NO
CNC(OFF),
VNC or VNO = V+ or GND,
off
See Figure 18
25°C
2.5 V
18
pF
CNO(OFF)
Switch off,
capacitance
NC, NO
CNC(ON),
VNC or VNO = V+ or GND,
See Figure 18
25°C
2.5 V
55
pF
on capacitance
CNO(ON)
Switch on,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 18
25°C
2.5 V
55
pF
on capacitance
Switch on,
Digital input
CI
VI = V+ or GND,
See Figure 18
25°C
2.5 V
2
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 21
25°C
2.5 V
100
MHz
Switch on,
RL = 50 Ω,
Switch off,
Off isolation
OISO
25°C
2.5 V
–64
dB
f = 1 MHz,
See Figure 22
RL = 50 Ω,
Switch on,
Crosstalk
XTALK
25°C
2.5 V
–64
dB
f = 1 MHz,
See Figure 23
Total harmonic
RL = 600 Ω,
f = 20 Hz to 20 kHz,
THD
25°C
2.5 V
0.02
%
distortion
CL = 50 pF,
See Figure 25
Supply
25°C
10
20
Positive supply
I+
VI = V+ or GND,
Switch on or off
2.7 V
nA
current
Full
50
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
9
Submit Documentation Feedback


Similar Part No. - TS5A3159ADCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3159ADCKR TI-TS5A3159ADCKR Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159ADCKR TI1-TS5A3159ADCKR Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159ADCKRE4 TI-TS5A3159ADCKRE4 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159ADCKRE4 TI1-TS5A3159ADCKRE4 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159ADCKRG4 TI-TS5A3159ADCKRG4 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS5A3159ADCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3153 TI-TS5A3153 Datasheet
277Kb / 21P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI-TS5A3160 Datasheet
395Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624 Datasheet
329Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157DBVRG4 TI1-TS5A63157DBVRG4 Datasheet
763Kb / 31P
[Old version datasheet]   12-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159 Datasheet
386Kb / 23P
[Old version datasheet]   1-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_09 Datasheet
598Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI1-TS5A3159A_14 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI1-TS5A4624_14 Datasheet
901Kb / 29P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com