Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S14K420E2 Datasheet(PDF) 1 Page - EPCOS

Part # S14K420E2
Description  Leaded Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S14K420E2 Datasheet(HTML) 1 Page - EPCOS

  S14K420E2 Datasheet HTML 1Page - EPCOS S14K420E2 Datasheet HTML 2Page - EPCOS S14K420E2 Datasheet HTML 3Page - EPCOS S14K420E2 Datasheet HTML 4Page - EPCOS S14K420E2 Datasheet HTML 5Page - EPCOS S14K420E2 Datasheet HTML 6Page - EPCOS S14K420E2 Datasheet HTML 7Page - EPCOS S14K420E2 Datasheet HTML 8Page - EPCOS S14K420E2 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
175 04/02
Construction
I Round varistor element, leaded
I Coating: epoxy resin, flame-retardant to UL 94 V-0
I Terminals: tinned copper wire
Features
I High-energy AdvanceD series E2
I High surge current ratings up to 10 kA
I High energy ratings up to 325 J
I Wide operating voltage range 130 … 510 VRMS
I PSpice models
Approvals
I UL
I CSA
I VDE
I CECC
Taping
I For ordering information see page 206 ff, chapter “Leaded Varistors: Taping”
Type designation
Detailed description of coding system on page 39, chapter “General Technical Information”
General technical data
Climatic category
LCT
UCT
Damp heat, steady state
(93 % r.h., 40
°C)
40/85/56
– 40
°C
+ 85
°C
56 days
in accordance with IEC 60068-1
in accordance with IEC 60068-2-3
Operating temperature
– 40 … + 85
°C
in accordance with CECC 42 000
Storage temperature
– 40 … + 125
°C
Electric strength
³ 2,5 kV
RMS
in accordance with CECC 42 000
Insulation resistance
³ 10 MW
in accordance with CECC 42 000
Response time
< 25 ns
SIOV-S 14 K 130 E2
Design
Rated diameter of varistor disk
AdvanceD series
Max. AC operating voltage
Tolerance of varistor voltage
EPCOS metal oxide varistor
Leaded Varistors
AdvanceD Series


Similar Part No. - S14K420E2

ManufacturerPart #DatasheetDescription
logo
EPCOS
S14K420 EPCOS-S14K420 Datasheet
140Kb / 16P
   Leaded Varistors
More results

Similar Description - S14K420E2

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0621K101 TDK-B72310S0621K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com