Electronic Components Datasheet Search |
|
MH16S64PHC-10 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor |
|
MH16S64PHC-10 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor |
4 / 55 page MH16S64PHC -7,-8, -10 1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM MITSUBISHI LSIs ( / 55 ) MITSUBISHI ELECTRIC 11/ Jan. /1999 Preliminary Spec. Some contents are subject to change without notice. MIT-DS-0299-0.0 Serial Presence Detect Table I Byte Function described SPD enrty data SPD DATA(hex) 0 Defines # bytes written into serial memory at module mfgr 128 80 1 Total # bytes of SPD memory device 256 Bytes 08 2 Fundamental memory type SDRAM 04 3 # Row Addresses on this assembly A0-A11 0C 4 # Column Addresses on this assembly A0-A8 09 5 # Module Banks on this assembly 2BANK 02 6 Data Width of this assembly... x64 40 7 ... Data Width continuation 0 00 8 Voltage interface standard of this assembly LVTTL 01 9 SDRAM Cycletime at Max. Supported CAS Latency (CL). A0 Cycle time for CL=3 10 SDRAM Access from Clock 6ns 60 tAC for CL=3 8ns 80 11 DIMM Configuration type (Non-parity,Parity,ECC) non-parity 00 12 Refresh Rate/Type self refresh(15.625uS) 80 13 SDRAM width,Primary DRAM x16 10 14 Error Checking SDRAM data width N/A 00 15 Minimum Clock Delay,Back to Back Random Column Addresses 1 01 16 Burst Lengths Supported 1/2/4/8/Full page 8F 17 # Banks on Each SDRAM device 4bank 04 18 CAS# Latency 2/3 06 19 CS# Latency 0 01 20 Write Latency 0 01 21 SDRAM Module Attributes non-buffered,non-registered 00 22 SDRAM Device Attributes:General Precharge All,Auto precharge 0E 23 SDRAM Cycle time(2nd highest CAS latency) Cycle time for CL=2 13ns D0 24 SDRAM Access form Clock(2nd highest CAS latency) 7ns 70 tAC for CL=2 8ns 80 25 SDRAM Cycle time(3rd highest CAS latency) N/A 00 N/A 00 26 SDRAM Access form Clock(3rd highest CAS latency) 27 Precharge to Active Minimum 20ns 14 28 Row Active to Row Active Min. 20ns 14 -7,-8 -10 10ns -8 -8 -10 -7,-8 -7 10ns A0 6ns 60 -7 29 RAS to CAS Delay Min 20ns 14 -7,-8 30 Active to Precharge Min 50ns 32 60ns 3C -7,-8 -10 4 -7,-8,-10 15ns F0 -10 30ns 1E -10 -7,-8,-10 30ns 1E -10 |
Similar Part No. - MH16S64PHC-10 |
|
Similar Description - MH16S64PHC-10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |