Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1K20M225Z Datasheet(PDF) 3 Page - EPCOS

Part # SR1K20M225Z
Description  Combination of a multilayer ceramic capacitor and a multilayer varistor, leaded
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SR1K20M225Z Datasheet(HTML) 3 Page - EPCOS

  SR1K20M225Z Datasheet HTML 1Page - EPCOS SR1K20M225Z Datasheet HTML 2Page - EPCOS SR1K20M225Z Datasheet HTML 3Page - EPCOS SR1K20M225Z Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
205 04/02
Notes
I If the maximum loads specified for load dump and jump start are fully utilized, subsequent
polarity reversal of the AUTO varistors are inadmissible.
I If the load remains under the maximum ratings, polarity reversal may be admissible.
Contact EPCOS for consultancy on this kind of problem.
I Load dump or jump start can decrease the varistor voltage in load direction by max. 15 %.
I Load dump: min. time of energy input 40 ms, interval 60 s.
Typical characteristics of X7R-MLCC2)
Capacitance change
DC/C
25
versus temperature T
2) MLCC: Multilayer chip capacitors
Typical characteristics of Z5U-MLCC2)
Capacitance change
DC/C
25
Dimensions
versus temperature T
Type
bmax
mm
smax
mm
hmax
mm
SHCV-SR1 … 474X
7,3
3,7
7,8
SHCV-SR1 … 105Z
7,3
3,7
7,8
SHCV-SR1 … 155Z
7,3
3,7
7,8
SHCV-SR1 … 225Z
7,3
4,1
7,8
SHCV-SR2 … 474X
7,8
3,6
9,0
SHCV-SR2 … 105Z
7,8
4,1
9,0
SHCV-SR2 … 155Z
7,8
4,1
9,0
SHCV-SR2 … 475Z
7,8
4,1
9,0
VAR0394B
e
b max.
s max.
ø0,5±0,05
e = 5,0 ±1
= 0,0 ±1
Offset
1)
1) Seating plane according to IEC 60717
Weight:
approx. 1 g
HICAP; SHCV Series
Leaded Varistors


Similar Part No. - SR1K20M225Z

ManufacturerPart #DatasheetDescription
logo
EPCOS
SR1K20M225X EPCOS-SR1K20M225X Datasheet
670Kb / 29P
   Ceramic transient voltage suppressors
More results

Similar Description - SR1K20M225Z

ManufacturerPart #DatasheetDescription
logo
RFE international
RD25ZU104M500B RFE-RD25ZU104M500B Datasheet
100Kb / 1P
   CERAMIC CAPACITOR RD Series: Radial Leaded Multilayer
AD10 RFE-AD10 Datasheet
117Kb / 1P
   CERAMIC CAPACITOR AD Series: Axial Leaded Multilayer
logo
Vishay Siliconix
MLV1812E3 VISHAY-MLV1812E3 Datasheet
85Kb / 3P
   SMD 1812 Multilayer Varistor
Revision: 30-Apr-15
MLV2220E3 VISHAY-MLV2220E3 Datasheet
89Kb / 4P
   SMD 2220 Multilayer Varistor
Revision: 30-Apr-15
MLV1206E3 VISHAY-MLV1206E3 Datasheet
86Kb / 3P
   SMD 1206 Multilayer Varistor
Revision: 30-Apr-15
MLV1210E3 VISHAY-MLV1210E3 Datasheet
85Kb / 3P
   SMD 1210 Multilayer Varistor
Revision: 30-Apr-15
logo
Sharma Electro Componen...
AXIAL SHARMA-AXIAL Datasheet
267Kb / 1P
   MULTILAYER CERAMIC LEADED CAPACITORS
logo
List of Unclassifed Man...
A100J15C0GF5UAA ETC1-A100J15C0GF5UAA Datasheet
604Kb / 14P
   Leaded ceramic multilayer capacitors
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com