Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4354A5687M000 Datasheet(PDF) 6 Page - EPCOS

Part # B4354A5687M000
Description  Capacitors with 4 Snap-In Terminals and Solder Pins
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4354A5687M000 Datasheet(HTML) 6 Page - EPCOS

Back Button B4354A5687M000 Datasheet HTML 2Page - EPCOS B4354A5687M000 Datasheet HTML 3Page - EPCOS B4354A5687M000 Datasheet HTML 4Page - EPCOS B4354A5687M000 Datasheet HTML 5Page - EPCOS B4354A5687M000 Datasheet HTML 6Page - EPCOS B4354A5687M000 Datasheet HTML 7Page - EPCOS B4354A5687M000 Datasheet HTML 8Page - EPCOS B4354A5687M000 Datasheet HTML 9Page - EPCOS B4354A5687M000 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
202 10/02
Wide Temperature Range 105 °C
B43514 / B43524
Technical data and ordering codes
UR
VDC
CR
100 Hz
20°C
µF
Case
dimensions
d
× l
mm
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
I~max
100 Hz
40
°C
A
I~max
100 Hz
85
°C
A
I~R
100 Hz
105
°C
A
Ordering code1)
* 1 = 4 snap-in
2 = solder pin
350
470
35
× 50
280
220
6,7
4,4
2,2
B435*4A4477M000
560
35
× 60
230
190
7,8
5,1
2,6
B435*4A4567M000
560
40
× 50
230
190
7,7
5,1
2,5
B435*4C4567M000
680
35
× 70
190
150
8,6
5,6
2,8
B435*4A4687M000
680
40
× 50
190
150
7,9
5,2
2,6
B435*4C4687M000
820
35
× 80
160
130
9,9
6,5
3,3
B435*4A4827M000
820
40
× 60
160
130
9,3
6,1
3,1
B435*4C4827M000
1 000
40
× 70
130
110
11
7,2
3,6
B435*4A4108M000
1 000
45
× 60
130
110
10
6,8
3,4
B43514C4108M000
1 500
40
× 100
90
70
15
10
5,1
B435*4A4158M000
1 500
45
× 80
90
70
14
9,2
4,6
B43514C4158M000
2 200
45
× 100
60
50
19
12
6,1
B43514A4228M000
400
390
35
× 50
330
270
6,1
4,0
2,0
B435*4A9397M000
470
35
× 60
280
220
7,2
4,7
2,4
B435*4A9477M000
470
40
× 50
280
220
7,1
4,6
2,3
B435*4C9477M000
470
45
× 40
280
220
6,6
4,3
2,2
B43514E9477M000
560
35
× 70
230
190
7,8
5,1
2,6
B435*4A9567M000
560
40
× 50
230
190
7,2
4,7
2,4
B435*4C9567M000
680
35
× 80
190
150
9,0
5,9
3,0
B435*4A9687M000
680
40
× 60
190
150
8,5
5,6
2,8
B435*4C9687M000
680
45
× 50
190
150
8,0
5,2
2,6
B43514E9687M000
820
40
× 70
160
130
9,9
6,5
3,2
B435*4A9827M000
820
45
× 60
160
130
9,3
6,1
3,1
B43514C9827M000
1 000
35
× 100
130
110
12
7,9
4,0
B435*4A9108M000
1 000
40
× 80
130
110
12
7,5
3,8
B435*4C9108M000
1 000
45
× 70
130
110
11
7,2
3,6
B43514E9108M000
1 500
45
× 100
90
70
15
10
5,1
B43514A9158M000
Capacitors with solder pins are only available in 35 and 40 mm case diameters.
Preferred types
1) For capacitors with short 4 snap-in terminals, see page 200.


Similar Part No. - B4354A5687M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43540 EPCOS-B43540 Datasheet
1,010Kb / 16P
   Aluminum electrolytic capacitors
B43540 EPCOS-B43540 Datasheet
1,010Kb / 19P
   Aluminum electrolytic capacitors
B43540A2108M000 EPCOS-B43540A2108M000 Datasheet
1,010Kb / 19P
   Aluminum electrolytic capacitors
B43540A2108M002 EPCOS-B43540A2108M002 Datasheet
1,010Kb / 19P
   Aluminum electrolytic capacitors
B43540A2108M007 EPCOS-B43540A2108M007 Datasheet
1,010Kb / 19P
   Aluminum electrolytic capacitors
More results

Similar Description - B4354A5687M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43510 EPCOS-B43510 Datasheet
59Kb / 2P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43520A3687M000 EPCOS-B43520A3687M000 Datasheet
261Kb / 11P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43511 EPCOS-B43511 Datasheet
254Kb / 10P
   Capacitors with 4 Snap-In Terminals and Solder Pins
logo
TDK Electronics
B43516 TDK-B43516_15 Datasheet
802Kb / 20P
   Capacitors with 4-pin snap-in terminals and solder pins
B43512 TDK-B43512_15 Datasheet
892Kb / 25P
   Capacitors with 4-/5-pin snap-in terminals and solder pins
logo
EPCOS
B43415 EPCOS-B43415 Datasheet
1Mb / 15P
   Capacitors for pulse applications with snap-in and solder lug terminals
logo
CUI INC
HSS-B20-04 CUI-HSS-B20-04 Datasheet
293Kb / 3P
   available with and without solder pins
logo
PowerDynamics, Inc
42R38-3X2X-XXX POWERDYNAMICS-42R38-3X2X-XXX Datasheet
42Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
42R34-3X2X-XXX POWERDYNAMICS-42R34-3X2X-XXX Datasheet
42Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
42R03-3X5X-XXX POWERDYNAMICS-42R03-3X5X-XXX Datasheet
41Kb / 1P
   IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SNAP-IN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com