Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25839C6104M000 Datasheet(PDF) 4 Page - EPCOS

Part # B25839C6104M000
Description  Capacitors for Power Electronics
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25839C6104M000 Datasheet(HTML) 4 Page - EPCOS

  B25839C6104M000 Datasheet HTML 1Page - EPCOS B25839C6104M000 Datasheet HTML 2Page - EPCOS B25839C6104M000 Datasheet HTML 3Page - EPCOS B25839C6104M000 Datasheet HTML 4Page - EPCOS B25839C6104M000 Datasheet HTML 5Page - EPCOS B25839C6104M000 Datasheet HTML 6Page - EPCOS B25839C6104M000 Datasheet HTML 7Page - EPCOS B25839C6104M000 Datasheet HTML 8Page - EPCOS B25839C6104M000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
208
Siemens Matsushita Components
Characteristics and ordering codes
CN
1)
µF
Imax
A
î
A
Is
A
RS
20
°C
m
Lself
nH
Dimensions
d
× l
mm
Appr.
weight
g
Ordering code
Pg.
UN = AC 700 V
û = 880 V
us = 1200 V
UTT = AC 880 V, 10 s
0,10
6
55
140
30,0
30
16,8
× 32
10
B25839-C6104-M000
0,10
6
55
140
28,0
30
16,0
× 32
10
B25839-K6104-M000
0,22
6
65
170
38,0
40
16,8
× 44
20
B25839-C6224-M000
0,22
6
120
310
15,0
30
20,5
× 32
20
B25839-K6224-M000
0,33
10
100
250
28,0
40
20,8
× 44
20
B25839-C6334-M000
0,33
10
130
330
16,0
30
25,0
× 38
30
B25839-K6334-M000
0,47
10
140
350
22,0
40
20,8
× 44
20
B25839-C6474-M000
0,47
10
190
470
13,0
40
25,0
× 38
30
B25839-K6474-M000
210
0,68
10
95
240
54,0
60
20,8
× 75
30
B25839-C6684-M000
1,00
10
150
380
39,0
60
20,8
× 75
30
B25839-C6105-K000
212
1) Capacitance tolerances: For
CN < 1,0 µF ± 20 %, for CN ≥ 1,0 µF ± 10 %
B 25 839
Coupling, Damping


Similar Part No. - B25839C6104M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25832 EPCOS-B25832 Datasheet
276Kb / 10P
   MKV AC capacitors
B25832C4106K009 EPCOS-B25832C4106K009 Datasheet
276Kb / 10P
   MKV AC capacitors
B25832C4106K009 EPCOS-B25832C4106K009 Datasheet
276Kb / 10P
   MKV AC capacitors
B25832C4126K009 EPCOS-B25832C4126K009 Datasheet
276Kb / 10P
   MKV AC capacitors
B25832C4126K009 EPCOS-B25832C4126K009 Datasheet
276Kb / 10P
   MKV AC capacitors
More results

Similar Description - B25839C6104M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667-A2507-A175 EPCOS-B25667-A2507-A175 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4177-A375 EPCOS-B25667-A4177-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4207-A365 EPCOS-B25667-A4207-A365 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4237-A365 EPCOS-B25667-A4237-A365 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4237-A375 EPCOS-B25667-A4237-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4277-A375 EPCOS-B25667-A4277-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4307-A365 EPCOS-B25667-A4307-A365 Datasheet
36Kb / 2P
   Capacitors for Power Electronics
B25667-A4347-A365 EPCOS-B25667-A4347-A365 Datasheet
36Kb / 2P
   Capacitors for Power Electronics
B25667-A4387-A375 EPCOS-B25667-A4387-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A5726-A375 EPCOS-B25667-A5726-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A2317-A175 EPCOS-B25667-A2317-A175 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com