Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82482-A3 Datasheet(PDF) 5 Page - EPCOS

Part # B82482-A3
Description  Rated impedance 60 to 1000 W Rated current 0,05 to 1 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82482-A3 Datasheet(HTML) 5 Page - EPCOS

  B82482-A3 Datasheet HTML 1Page - EPCOS B82482-A3 Datasheet HTML 2Page - EPCOS B82482-A3 Datasheet HTML 3Page - EPCOS B82482-A3 Datasheet HTML 4Page - EPCOS B82482-A3 Datasheet HTML 5Page - EPCOS B82482-A3 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
223 04/00
Typical electrical characteristics
Impedance |
Z |, real part R and imaginary part X versus frequency f
|
Z |RX
Size 0603
B82482-A3102-A
SSB1359-9
, R, X
0
10 0
f
10 1
10 2
10 3
MHz
Z
R
X
Z
200
400
600
800
1000
1400
B82482-A3
SMT Ferrite Beads


Similar Part No. - B82482-A3

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82482-A2 EPCOS-B82482-A2 Datasheet
74Kb / 6P
   SMT Ferrite Beads
More results

Similar Description - B82482-A3

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82482-B EPCOS-B82482-B Datasheet
108Kb / 10P
   Rated impedance 30 to 2000 W Rated current 0,1 to 0,5 A
B82476-A1103-M EPCOS-B82476-A1103-M Datasheet
58Kb / 3P
   Rated inductance 10 to 1000 mH Rated current 300 to 3800 mA
B82478-A1103-M EPCOS-B82478-A1103-M_1 Datasheet
59Kb / 3P
   Rated inductance 10 to 1000 mH Rated current 400 to 3500 mA
B82141A EPCOS-B82141A Datasheet
229Kb / 10P
   SBC choke (Small Bobbin Core) Rated current 55 to 725 mA Rated inductance 1 to 1000
B82432-T EPCOS-B82432-T Datasheet
56Kb / 2P
   Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 60 to 1300 mA
B84111-A-A10 EPCOS-B84111-A-A10 Datasheet
135Kb / 7P
   SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
B84114-D-A10 EPCOS-B84114-D-A10 Datasheet
159Kb / 8P
   SIFI-D for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 10 A
B84102-K EPCOS-B84102-K Datasheet
101Kb / 5P
   Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A
B84103 EPCOS-B84103 Datasheet
156Kb / 5P
   Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A
logo
WAGO Kontakttechnik Gmb...
855-5105-1000-000 WAGO-855-5105-1000-000 Datasheet
274Kb / 5P
   Split-core current transformer; Primary rated current: 1000 A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com