Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82486-B Datasheet(PDF) 4 Page - EPCOS

Part # B82486-B
Description  Rated impedance 30 to 2000 W Rated current 0,1 to 0,5 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82486-B Datasheet(HTML) 4 Page - EPCOS

  B82486-B Datasheet HTML 1Page - EPCOS B82486-B Datasheet HTML 2Page - EPCOS B82486-B Datasheet HTML 3Page - EPCOS B82486-B Datasheet HTML 4Page - EPCOS B82486-B Datasheet HTML 5Page - EPCOS B82486-B Datasheet HTML 6Page - EPCOS B82486-B Datasheet HTML 7Page - EPCOS B82486-B Datasheet HTML 8Page - EPCOS B82486-B Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
228 04/00
Characteristics and ordering codes
For further technical data see page 226.
Size
|
Z |
Toler-
ance
fZ
MHz
IR
A
Rmax
Ordering code
EIA
IEC
0603
1608
30
± 25 %
100
0,2
0,2
B82482-B1300-A
60
100
0,2
0,2
B82482-B1600-A
80
100
0,2
0,3
B82482-B1800-A
120
100
0,2
0,3
B82482-B1121-A
300
100
0,1
0,6
B82482-B1301-A
0805
2012
32
± 25 %
100
0,5
0,2
B82483-B1320-A
80
100
0,4
0,4
B82483-B1800-A
120
100
0,2
0,4
B82483-B1121-A
300
100
0,2
0,9
B82483-B1301-A
600
100
0,2
1,0
B82483-B1601-A
1000
100
0,1
1,0
B82483-B1102-A
1206
3216
32
± 25 %
100
0,5
0,15
B82485-B1320-A
70
100
0,4
0,3
B82485-B1700-A
90
100
0,4
0,3
B82485-B1900-A
150
100
0,2
0,5
B82485-B1151-A
600
100
0,2
0,5
B82485-B1601-A
1200
50
0,1
1,0
B82485-B1122-A
1210
3225
90
± 25 %
100
0,4
0,3
B82486-B1900-A
2000
30
0,1
1,5
B82486-B1202-A
B82482-B
SMT Ferrite Beads
… B82486-B


Similar Part No. - B82486-B

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82480P8474M000 TDK-B82480P8474M000 Datasheet
1Mb / 8P
   PIS power inductors
September 2022
logo
EPCOS
B82482-A2 EPCOS-B82482-A2 Datasheet
74Kb / 6P
   SMT Ferrite Beads
B82482-A3 EPCOS-B82482-A3 Datasheet
76Kb / 6P
   Rated impedance 60 to 1000 W Rated current 0,05 to 1 A
B82482-A3102-A EPCOS-B82482-A3102-A Datasheet
76Kb / 6P
   Rated impedance 60 to 1000 W Rated current 0,05 to 1 A
B82482-A3121-A EPCOS-B82482-A3121-A Datasheet
76Kb / 6P
   Rated impedance 60 to 1000 W Rated current 0,05 to 1 A
More results

Similar Description - B82486-B

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82482-A3 EPCOS-B82482-A3 Datasheet
76Kb / 6P
   Rated impedance 60 to 1000 W Rated current 0,05 to 1 A
B84110-A EPCOS-B84110-A Datasheet
104Kb / 5P
   Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 0,5 A to 6 A
B82476-A1103-M EPCOS-B82476-A1103-M Datasheet
58Kb / 3P
   Rated inductance 10 to 1000 mH Rated current 300 to 3800 mA
B82478-A1103-M EPCOS-B82478-A1103-M_1 Datasheet
59Kb / 3P
   Rated inductance 10 to 1000 mH Rated current 400 to 3500 mA
logo
FOTEK CONTROLS CO., LTD...
ASR-F-40DA FOTEK-ASR-F-40DA Datasheet
1Mb / 3P
   Rated current corresponding to Resistive load
logo
EPCOS
B82500 EPCOS-B82500 Datasheet
57Kb / 3P
   VHF chokes with ferrite core Rated voltage 250 V dc/ac Rated current 0,2 to 2 A Rated inductance 120 to 3900 mH
logo
Texas Instruments
PT6510 TI1-PT6510_08 Datasheet
227Kb / 11P
[Old version datasheet]   8-A Rated Output Current
logo
Wurth Elektronik GmbH &...
744835034160 WURTH-744835034160 Datasheet
369Kb / 5P
   Rated Current
74406032220 WURTH-74406032220 Datasheet
323Kb / 5P
   Rated Current
744835021220 WURTH-744835021220 Datasheet
444Kb / 5P
   Rated Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com