Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8118-EVAL Datasheet(PDF) 1 Page - Analog Devices

Part # AD8118-EVAL
Description  600 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8118-EVAL Datasheet(HTML) 1 Page - Analog Devices

  AD8118-EVAL Datasheet HTML 1Page - Analog Devices AD8118-EVAL Datasheet HTML 2Page - Analog Devices AD8118-EVAL Datasheet HTML 3Page - Analog Devices AD8118-EVAL Datasheet HTML 4Page - Analog Devices AD8118-EVAL Datasheet HTML 5Page - Analog Devices AD8118-EVAL Datasheet HTML 6Page - Analog Devices AD8118-EVAL Datasheet HTML 7Page - Analog Devices AD8118-EVAL Datasheet HTML 8Page - Analog Devices AD8118-EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
600 MHz, 32 × 32 Buffered
Analog Crosspoint Switch
AD8117/AD8118
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
High channel count, 32 × 32 high speed, non-blocking
switch array
Differential or single-ended operation
Differential G = +1 (AD8117) or G = +2 (AD8118)
Flexible power supplies
Single +5 V supply, or dual ±2.5 V supplies
Serial or parallel programming of switch array
High impedance output disable allows connection of
multiple devices with minimal loading on output bus
Excellent video performance
>50 MHz 0.1 dB gain flatness
0.05%/0.05° differential gain/phase error (RL = 150 Ω)
Excellent ac performance
Bandwidth: 600 MHz
Slew rate: 1800 V/μs
Settling time: 2.5 ns to 1%
Low power of 2.5 W
Low all hostile crosstalk
< −70 dB @ 5 MHz
< −43 dB @ 600 MHz
Reset pin allows disabling of all outputs (connected through
a capacitor to ground provides power-on reset capability)
304-ball BGA package (31 mm × 31 mm)
APPLICATIONS
Routing of high speed signals including
RGB and component video routing
KVM
Compressed video (MPEG, wavelet)
Data communications
FUNCTIONAL BLOCK DIAGRAM
2
2
INPUT
RECEIVER
G = +1*
G = +2**
OUTPUT
BUFFER
G = +1
32
1024
192
VPOS
VNEG
VOCM
RESET
UPDATE
CLK
DATA IN
WE
SER/PAR
D0 D1 D2 D3 D4 D5
VDD
DGND
DATA
OUT
SWITCH
MATRIX
192
A0
A1
A2
A3
A4
AD8117/
AD8118
1
0
192-BIT SHIFT REGISTER
WITH 6-BIT
PARALLEL LOADING
PARALLEL LATCH
DECODE
32 × 6:32 DECODERS
*AD8117 ONLY
**AD8118 ONLY
Figure 1.
GENERAL DESCRIPTION
The AD8117/AD8118 are high speed, 32 × 32 analog crosspoint
switch matrices. They offer 600 MHz bandwidth and slew rate of
1800 V/μs for high resolution computer graphics (RGB) signal
switching. With less than −70 dB of crosstalk and −90 dB
isolation (@ 5 MHz), the AD8117/AD8118 are useful in many
high speed applications. The 0.1 dB flatness greater than
50 MHz makes the AD8117/AD8118 ideal for composite video
switching.
The AD8117/AD8118 include 32 independent output buffers
that can be placed into a high impedance state for paralleling
crosspoint outputs so that off-channels present minimal loading
to an output bus. The AD8117 has a differential gain of +1,
while the AD8118 has a differential gain of +2 for ease of use in
back-terminated load applications. They operate as fully
differential devices or can be configured for single-ended
operation. Either a single +5 V supply or dual ±2.5 V supplies
can be used, while consuming only 500 mA of idle current with
all outputs enabled. The channel switching is performed via a
double-buffered, serial digital control (which can accommodate
daisy chaining of several devices), or via a parallel control,
allowing updating of an individual output without reprogram-
ming the entire array.
The AD8117/AD8118 are packaged in a 304-ball BGA package
and are available over the extended industrial temperature
range of −40°C to +85°C.


Similar Part No. - AD8118-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8118-EVAL AD-AD8118-EVAL Datasheet
935Kb / 36P
   Buffered Analog Crosspoint Switch
More results

Similar Description - AD8118-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3200 AD-ADV3200 Datasheet
1Mb / 36P
   300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
REV. 0
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
   600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
AD8104 AD-AD8104 Datasheet
879Kb / 36P
   600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
AD8117 AD-AD8117_16 Datasheet
935Kb / 36P
   Buffered Analog Crosspoint Switch
AD8108 AD-AD8108_05 Datasheet
994Kb / 33P
   325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
REV. B
AD8106 AD-AD8106 Datasheet
571Kb / 28P
   260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
REV. 0
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
   200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8117 AD-AD8117_15 Datasheet
1,022Kb / 36P
   Analog Crosspoint Switch
REV. A
AD8105 AD-AD8105_15 Datasheet
1,017Kb / 36P
   Analog Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com