Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8153-EVALZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD8153-EVALZ
Description  3.2 Gbps Single Buffered Mux/Demux Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8153-EVALZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8153-EVALZ Datasheet HTML 7Page - Analog Devices AD8153-EVALZ Datasheet HTML 8Page - Analog Devices AD8153-EVALZ Datasheet HTML 9Page - Analog Devices AD8153-EVALZ Datasheet HTML 10Page - Analog Devices AD8153-EVALZ Datasheet HTML 11Page - Analog Devices AD8153-EVALZ Datasheet HTML 12Page - Analog Devices AD8153-EVALZ Datasheet HTML 13Page - Analog Devices AD8153-EVALZ Datasheet HTML 14Page - Analog Devices AD8153-EVALZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8153
Rev. 0 | Page 11 of 24
80
70
60
50
40
30
20
10
0
3.0
3.1
3.2
3.3
3.4
3.5
3.6
VCC (V)
DETERMINISTIC JITTER
RANDOM JITTER
Figure 23. Jitter vs. Core Supply Voltage
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
DETERMINISTIC JITTER
RANDOM JITTER
80
70
60
50
40
30
20
10
0
Figure 24. Jitter vs. Temperature
700
600
650
550
500
3.0
3.1
3.2
3.3
3.4
VCC (V)
3.5
3.6
Figure 25. Propagation Delay vs. Core Supply Voltage
DETERMINISTIC JITTER
RANDOM JITTER
80
70
60
50
40
30
20
10
0
2
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
VTTO (V)
Figure 26. Jitter vs. Output Termination Voltage
100
95
90
85
80
75
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 27. Rise/Fall Time vs. Temperature
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
700
600
650
550
500
Figure 28. Propagation Delay vs. Temperature


Similar Part No. - AD8153-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8153 AD-AD8153 Datasheet
228Kb / 18P
   Single Buffered Switch 3.2 Gbps
Rev. PrA
AD8153 AD-AD8153_15 Datasheet
1Mb / 24P
   Single Buffered Mux/Demux Switch
REV. 0
More results

Similar Description - AD8153-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8153 AD-AD8153_15 Datasheet
1Mb / 24P
   Single Buffered Mux/Demux Switch
REV. 0
AD8153 AD-AD8153 Datasheet
228Kb / 18P
   Single Buffered Switch 3.2 Gbps
Rev. PrA
AD8159 AD-AD8159 Datasheet
595Kb / 24P
   3.2 Gbps Quad Buffer Mux/Demux
REV. A
logo
ON Semiconductor
NL7SB3257 ONSEMI-NL7SB3257 Datasheet
62Kb / 5P
   Mux / Demux Bus Switch
July, 2014 ??Rev. P0
7SB3257 ONSEMI-7SB3257 Datasheet
112Kb / 12P
   Mux / Demux Bus Switch
September, 2014 ??Rev. 4
NLAS3257A ONSEMI-NLAS3257A Datasheet
190Kb / 8P
   Mux / Demux Analog Switch
December, 2018- Rev. 1
logo
Analog Devices
AD8155 AD-AD8155 Datasheet
1Mb / 36P
   6.5 Gbps Dual Buffer Mux/Demux
REV. 0
AD8158 AD-AD8158 Datasheet
707Kb / 36P
   6.5 Gbps Quad Buffer Mux/Demux
REV. 0
logo
ON Semiconductor
NLAS3257 ONSEMI-NLAS3257 Datasheet
73Kb / 7P
   Mux / Demux Analog Switch
December, 2015 ??Rev. 1
logo
Pericom Semiconductor C...
PI5C3309 PERICOM-PI5C3309_12 Datasheet
564Kb / 4P
   3:1 Mux/DeMux Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com