Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B40K75 Datasheet(PDF) 2 Page - EPCOS

Part # B40K75
Description  Block Varistors HighE Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B40K75 Datasheet(HTML) 2 Page - EPCOS

  B40K75 Datasheet HTML 1Page - EPCOS B40K75 Datasheet HTML 2Page - EPCOS B40K75 Datasheet HTML 3Page - EPCOS B40K75 Datasheet HTML 4Page - EPCOS B40K75 Datasheet HTML 5Page - EPCOS B40K75 Datasheet HTML 6Page - EPCOS B40K75 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
222 04/02
Maximum ratings (TA = 85 °C)
Type
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
B40K75
B72240B0750K001
75
100
25000
190
1,4
B32K130
B72232B0131K001
130
170
25000
210
1,2
B40K130
B72240B0131K001
130
170
40000
310
1,4
B60K130
B72260B0131K001
130
170
70000
490
1,6
B80K130
B72280B0131K001
130
170
100000
660
2,0
B32K150
B72232B0151K001
150
200
25000
240
1,2
B40K150
B72240B0151K001
150
200
40000
360
1,4
B60K150
B72260B0151K001
150
200
70000
570
1,6
B80K150
B72280B0151K001
150
200
100000
800
2,0
B32K230
B72232B0231K001
230
300
25000
300
1,2
B40K230
B72240B0231K001
230
300
40000
460
1,4
B60K230
B72260B0231K001
230
300
70000
730
1,6
B80K230
B72280B0231K001
230
300
100000
1200
2,0
B32K250
B72232B0251K001
250
320
25000
330
1,2
B40K250
B72240B0251K001
250
320
40000
490
1,4
B60K250
B72260B0251K001
250
320
70000
800
1,6
B80K250
B72280B0251K001
250
320
100000
1300
2,0
B32K275
B72232B0271K001
275
350
25000
360
1,2
B40K275
B72240B0271K001
275
350
40000
550
1,4
B60K275
B72260B0271K001
275
350
70000
860
1,6
B80K275
B72280B0271K001
275
350
100000
1400
2,0
B32K320
B72232B0321K001
320
420
25000
430
1,2
B40K320
B72240B0321K001
320
420
40000
640
1,4
B60K320
B72260B0321K001
320
420
70000
1000
1,6
B80K320
B72280B0321K001
320
420
100000
1600
2,0
B32K385
B72232B0381K001
385
505
25000
550
1,2
B40K385
B72240B0381K001
385
505
40000
800
1,4
B60K385
B72260B0381K001
385
505
70000
1200
1,6
B80K385
B72280B0381K001
385
505
100000
2000
2,0
Varistor elements without plastic housing (suitable for soldering) are available upon request.
Designations:
SIOV-D32K … K6
SIOV-D60K … K6
SIOV-D40K … QK6
SIOV-D80K … K6
HighE Series
Block Varistors


Similar Part No. - B40K75

ManufacturerPart #DatasheetDescription
logo
Coto Technology
B40 COTO-B40 Datasheet
96Kb / 2P
   4-Channel RF Relays
logo
RHOPOINT COMPONENTS
B40 RHOPOINT-B40 Datasheet
130Kb / 2P
   4-Channel RF Relays
logo
Micrel Semiconductor
B40 MICREL-B40 Datasheet
941Kb / 14P
   Flexible Ultra-Low Jitter Clock Synthesizer
logo
Coto Technology
B40-0002 COTO-B40-0002 Datasheet
96Kb / 2P
   4-Channel RF Relays
B40-0003 COTO-B40-0003 Datasheet
96Kb / 2P
   4-Channel RF Relays
More results

Similar Description - B40K75

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72240L0131K100 EPCOS-B72240L0131K100 Datasheet
82Kb / 5P
   Strap Varistors HighE Series
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
logo
EPCOS
B72210S171K101 EPCOS-B72210S171K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72214S2321K151 EPCOS-B72214S2321K151 Datasheet
725Kb / 34P
   SIOV metal oxide varistors Leaded varistors, AdvanceD series
B72214S551K101 EPCOS-B72214S551K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72214S1140K552 EPCOS-B72214S1140K552 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
SIOV-S14K130G5S5 EPCOS-SIOV-S14K130G5S5 Datasheet
1Mb / 69P
   SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
ETFV25 EPCOS-ETFV25 Datasheet
275Kb / 10P
   SIOV metal oxide varistors Housed (ThermoFuse) varistors, AdvanceD series
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com