Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8667ARZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8667ARZ
Description  16 V, 250 關A, Dual Precision, CMOS, Rail-to-Rail Output Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8667ARZ Datasheet(HTML) 1 Page - Analog Devices

  AD8667ARZ Datasheet HTML 1Page - Analog Devices AD8667ARZ Datasheet HTML 2Page - Analog Devices AD8667ARZ Datasheet HTML 3Page - Analog Devices AD8667ARZ Datasheet HTML 4Page - Analog Devices AD8667ARZ Datasheet HTML 5Page - Analog Devices AD8667ARZ Datasheet HTML 6Page - Analog Devices AD8667ARZ Datasheet HTML 7Page - Analog Devices AD8667ARZ Datasheet HTML 8Page - Analog Devices AD8667ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
16 V, 250 μA, Dual Precision, CMOS,
Rail-to-Rail Output Operational Amplifier
AD8667
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Lower power at high voltage: 180 μA typical
Low offset voltage: 100 μV
Voltage noise
21 nV/√Hz at 10 kHz
23 nV/√Hz at 1 kHz
Low input bias current: 300 fA
Single-supply operation: 5 V to 16 V
Dual-supply operation: ±2.5 V to ±8 V
Output drive: 10 mA
Unity gain stable
APPLICATIONS
Medical equipment
Physiological measurement
Precision references
Buffer/level shifting
Portable operated systems
High density power budget systems
Multipole filters
Sensors
Photodiode amplification
ADC drivers
PIN CONFIGURATION
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8667
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead MSOP, 8-Lead SOIC
GENERAL DESCRIPTION
The AD8667 is a dual, rail-to-rail output, single-supply/dual-supply
amplifier that uses Analog Devices, Inc. patented DigiTrim®
trimming technique to achieve low offset voltage, 300 μV over
the common-mode range. The AD8667 features an extended
operating range with supply voltages up to 16 V for low power
operation with an ISY of <325 μA per amplifier over temperature.
The device is designed for low noise at higher voltages: 21 nV/√Hz
at 10 kHz and 23 nV/√Hz at 1 kHz. It also features a low input
bias current of 300 fA and a 10 mA output drive.
The combination of low supply currents, low offsets, very low
input bias currents, and wide supply range makes the AD8667
ideal for a wide variety of low power applications. Systems
utilizing dc-to-low frequency measurements or high impedance
sensors, such as photodiodes, benefit from the low input bias
current, low noise, low offset, and low drive current. The wide
operating voltage range matches today’s high performance
ADCs and DACs. Medical monitoring equipment can take
advantage of the low voltage noise, high input impedance, low
voltage, and low current noise.
The AD8667 is specified over the extended industrial
temperature range of −40°C to +125°C.


Similar Part No. - AD8667ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8667ARZ AD-AD8667ARZ Datasheet
1Mb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8667ARZ AD-AD8667ARZ Datasheet
657Kb / 15P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
AD8667ARZ-REEL AD-AD8667ARZ-REEL Datasheet
1Mb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8667ARZ-REEL AD-AD8667ARZ-REEL Datasheet
657Kb / 15P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
AD8667ARZ-REEL1 AD-AD8667ARZ-REEL1 Datasheet
825Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. A
More results

Similar Description - AD8667ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8667 AD-AD8667_15 Datasheet
850Kb / 16P
   16 V, 250 A, Dual Precision, CMOS, Rail-to-Rail Output Operational Amplifier
REV. 0
logo
New Japan Radio
NJU7027 NJRC-NJU7027 Datasheet
315Kb / 11P
   13關A/ch, Rail-to-Rail Output Dual CMOS Operational Amplifier
logo
Analog Devices
AD8698 AD-AD8698 Datasheet
317Kb / 20P
   Dual Precision, Rail-to-Rail Output Operational Amplifier
REV. 0
logo
SG Micro Corp
SGM8621 SGMICRO-SGM8621 Datasheet
662Kb / 18P
   250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
logo
Advanced Linear Devices
ALD2711A ALD-ALD2711A Datasheet
48Kb / 6P
   DUAL MICROPOWER PRECISION RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
ALD2711A ALD-ALD2711A_V01 Datasheet
481Kb / 9P
   DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
ALD2711 ALD-ALD2711_11 Datasheet
85Kb / 9P
   DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
TLV07 TI1-TLV07 Datasheet
263Kb / 21P
[Old version datasheet]   36-V Precision, Rail-to-Rail Output Operational Amplifier
logo
National Semiconductor ...
LMP2012QML NSC-LMP2012QML Datasheet
326Kb / 12P
   Dual High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMP2011 TI1-LMP2011 Datasheet
1Mb / 33P
[Old version datasheet]   Dual High Precision, Rail-to-Rail Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com