Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1AD8538ARZ Datasheet(PDF) 3 Page - Analog Devices

Part # 1AD8538ARZ
Description  Low Power, Precision, Auto-Zero Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

1AD8538ARZ Datasheet(HTML) 3 Page - Analog Devices

  1AD8538ARZ Datasheet HTML 1Page - Analog Devices 1AD8538ARZ Datasheet HTML 2Page - Analog Devices 1AD8538ARZ Datasheet HTML 3Page - Analog Devices 1AD8538ARZ Datasheet HTML 4Page - Analog Devices 1AD8538ARZ Datasheet HTML 5Page - Analog Devices 1AD8538ARZ Datasheet HTML 6Page - Analog Devices 1AD8538ARZ Datasheet HTML 7Page - Analog Devices 1AD8538ARZ Datasheet HTML 8Page - Analog Devices 1AD8538ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD8538/AD8539
Rev. A | Page 3 of 24
SPECIFICATIONS
AD8538 ELECTRICAL SPECIFICATIONS
@ VS = 5.0 V, VCM = 2.5 V, VO = 2.5 V, TA = 25°C, unless otherwise specified.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
5
13
μV
−40°C ≤ TA ≤ +125°C
30
μV
Input Bias Current
IB
15
25
pA
−40°C ≤ TA ≤ +85°C
35
100
pA
−40°C ≤ TA ≤ +125°C
0.7
1.0
nA
Input Offset Current
IOS
20
50
pA
−40°C ≤ TA ≤ +125°C
150
pA
Input Voltage Range
0
5
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 5 V
115
150
dB
−40°C ≤ TA ≤ +125°C, VCM = 0.2 V to 4.8 V
100
135
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ, VO = 0.1 V to 4.9 V
115
141
dB
−40°C ≤ TA ≤ +125°C
110
135
dB
Offset Voltage Drift
ΔV
OS
/
ΔT
−40°C ≤ TA ≤ +125°C
0.03
0.1
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 100 kΩ to ground
4.99
4.998
V
−40°C ≤ TA ≤ +125°C, RL = 100 kΩ to ground
4.98
V
RL = 10 kΩ to ground
4.95
4.970
V
−40°C ≤ TA ≤ +125°C, RL = 10 kΩ to ground
4.94
V
Output Voltage Low
VOL
RL = 100 kΩ to V+
1.9
5
mV
−40°C ≤ TA ≤ +125°C, RL = 100 kΩ to V+
2.8
7
mV
RL = 10 kΩ to V+
17
20
mV
−40°C ≤ TA ≤ +125°C, RL = 10 kΩ to V+
20
30
mV
Short-Circuit Limit
ISC
±25
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7 V to 5.0 V
105
125
dB
−40°C ≤ TA ≤ +125°C
100
125
dB
Supply Current/Amplifier
ISY
IO = 0
150
180
μA
−40°C ≤ TA ≤ +125°C
190
215
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL =10 kΩ
0.4
V/μs
Settling Time 0.01%
tS
G = ±1, 2 V step, CL = 20 pF, RL = 1 kΩ
10
μs
Overload Recovery Time
0.05
ms
Gain Bandwidth Product
GBP
430
kHz
Phase Margin
ØM
RL = 10 kΩ, RL = 100 kΩ, CL = 20 pF
65
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
f = 0.1 Hz to 10 Hz
2.0
μV p-p
Voltage Noise Density
en
f = 1 kHz
50
nV/
√Hz


Similar Part No. - 1AD8538ARZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1AD4 PHILIPS-1AD4 Datasheet
253Kb / 8P
   FULLY SHIELDED SHARP CUT-OFF R.F. PENTODE
1.1.1960
logo
Analog Devices
1ADR1581BRTZ-REEL AD-1ADR1581BRTZ-REEL Datasheet
524Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
More results

Similar Description - 1AD8538ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8538 AD-AD8538_15 Datasheet
797Kb / 24P
   Low Power, Precision, Auto-Zero Op Amps
Rev. B
AD8539 AD-AD8539_15 Datasheet
797Kb / 24P
   Low Power, Precision, Auto-Zero Op Amps
Rev. B
AD8539ARMZ AD-AD8539ARMZ Datasheet
797Kb / 24P
   Low Power, Precision, Auto-Zero Op Amps
REV. B
AD8538 AD-AD8538 Datasheet
268Kb / 12P
   Low Power, Precision Auto-Zero Op Amp
REV. 0
logo
Maxim Integrated Produc...
MAX9943 MAXIM-MAX9943 Datasheet
275Kb / 15P
   High-Voltage, Precision, Low-Power Op Amps
Rev 2; 6/09
MAX9943 MAXIM-MAX9943_V01 Datasheet
1Mb / 11P
   High-Voltage, Precision, Low-Power Op Amps
2017
logo
Texas Instruments
TLV387 TI-TLV387_V01 Datasheet
2Mb / 27P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
TLV387 TI-TLV387_V02 Datasheet
1Mb / 31P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
TLV387 TI-TLV387 Datasheet
1Mb / 20P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
TLV387 TI1-TLV387_V03 Datasheet
1Mb / 33P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com