Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9516-0BCPZ-REEL7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9516-0BCPZ-REEL7
Description  14-Output Clock Generator with Integrated 2.8 GHz VCO
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-0BCPZ-REEL7 Datasheet(HTML) 4 Page - Analog Devices

  AD9516-0BCPZ-REEL7 Datasheet HTML 1Page - Analog Devices AD9516-0BCPZ-REEL7 Datasheet HTML 2Page - Analog Devices AD9516-0BCPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD9516-0BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD9516-0BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD9516-0BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD9516-0BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD9516-0BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD9516-0BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
AD9516-0
Rev. 0 | Page 4 of 84
SPECIFICATIONS
Typical (typ) is given for VS = VS_LVPECL = 3.3 V ± 5%; VS ≤ VCP ≤ 5.25 V; TA = 25°C; RSET = 4.12 kΩ; CPRSET = 5.1 kΩ,
unless otherwise noted. Minimum (min) and maximum (max) values are given over full VS and TA (−40°C to +85°C) variation.
POWER SUPPLY REQUIREMENTS
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VS
3.135
3.3
3.465
V
This is 3.3 V ± 5%
VS_LVPECL
2.375
VS
V
This is nominally 2.5 V to 3.3 V ± 5%
VCP
VS
5.25
V
This is nominally 3.3 V to 5.0 V ± 5%
RSET Pin Resistor
4.12
Sets internal biasing currents; connect to ground
CPRSET Pin Resistor
5.1
Sets internal CP current range, nominally 4.8 mA (CP_lsb = 600 μA);
actual current can be calculated by: CP_lsb = 3.06/CPRSET; connect to ground
BYPASS Pin Capacitor
220
nF
Bypass for internal LDO regulator; necessary for LDO stability; connect to ground
PLL CHARACTERISTICS
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VCO (ON-CHIP)
Frequency Range
2550
2950
MHz
See Figure 15
VCO Gain (KVCO)
50
MHz/V
See Figure 10
Tuning Voltage (VT)
0.5
VCP − 0.5
V
VCP ≤ VS when using internal VCO; outside of this
range, the CP spurs may increase due to CP up/
down mismatch
Frequency Pushing (Open-Loop)
1
MHz/V
Phase Noise @ 100 kHz Offset
−105
dBc/Hz
f = 2800 MHz
Phase Noise @ 1 MHz Offset
−123
dBc/Hz
f = 2800 MHz
REFERENCE INPUTS
Differential Mode (REFIN, REFIN)
Differential mode (can accommodate single-
ended input by ac grounding undriven input)
Input Frequency
0
250
MHz
Frequencies below about 1 MHz should be
dc-coupled; be careful to match VCM (self-bias voltage)
Input Sensitivity
250
mV p-p
PLL figure of merit will increase with increasing
slew rate; see Figure 14
Self-Bias Voltage, REFIN
1.35
1.60
1.75
V
Self-bias voltage of REFIN1
Self-Bias Voltage, REFIN
1.30
1.50
1.60
V
Self-bias voltage of REFIN1
Input Resistance, REFIN
4.0
4.8
5.9
Self-biased1
Input Resistance, REFIN
4.4
5.3
6.4
Self-biased1
Dual Single-Ended Mode (REF1, REF2)
Two single-ended CMOS-compatible inputs
Input Frequency (AC-Coupled)
20
250
MHz
Slew rate > 50 V/μs
Input Frequency (DC-Coupled)
0
250
MHz
Slew rate > 50 V/μs; CMOS levels
Input Sensitivity (AC-Coupled)
0.8
V p-p
Should not exceed VS p-p
Input Logic High
2.0
V
Input Logic Low
0.8
V
Input Current
−100
+100
μA
Input Capacitance
2
pF
Each pin, REFIN/REFIN (REF1/REF2)


Similar Part No. - AD9516-0BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9516-0 AD-AD9516-0 Datasheet
76Kb / 2P
   14-Channel Clock Generator with Integrated 2.8 GHz VCO
Rev. prA
AD9516-0 AD-AD9516-0 Datasheet
707Kb / 8P
   High Dynamic Range RF Transmitter Signal Chain Using Single External Frequency Reference for DAC Sample Clock and IQ Modulator LO Generation
REV. 0
AD9516-0 AD-AD9516-0_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 2.8 GHz VCO
REV. C
More results

Similar Description - AD9516-0BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9516-0 AD-AD9516-0_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 2.8 GHz VCO
REV. C
AD9516-0 AD-AD9516-0 Datasheet
76Kb / 2P
   14-Channel Clock Generator with Integrated 2.8 GHz VCO
Rev. prA
AD95160 AD-AD95160 Datasheet
76Kb / 2P
   14-Channel Clock Generator with Integrated 2.8 GHz VCO
Rev. prA
AD9517-0BCPZ AD-AD9517-0BCPZ Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.8 GHz VCO
Rev. E
AD9518-0 AD-AD9518-0_15 Datasheet
1Mb / 64P
   6-Output Clock Generator with Integrated 2.8 GHz VCO
Rev. C
AD9517-0ABCPZ AD-AD9517-0ABCPZ Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.8 GHz VCO
Rev. E
AD9517-0 AD-AD9517-0_15 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.8 GHz VCO
Rev. E
AD9516-4 AD-AD9516-4 Datasheet
1Mb / 84P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9516-3 AD-AD9516-3 Datasheet
957Kb / 84P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. 0
AD9516-3 AD-AD9516-3_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com