Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9516-4BCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9516-4BCPZ
Description  14-Output Clock Generator with Integrated 1.6 GHz VCO
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-4BCPZ Datasheet(HTML) 1 Page - Analog Devices

  AD9516-4BCPZ Datasheet HTML 1Page - Analog Devices AD9516-4BCPZ Datasheet HTML 2Page - Analog Devices AD9516-4BCPZ Datasheet HTML 3Page - Analog Devices AD9516-4BCPZ Datasheet HTML 4Page - Analog Devices AD9516-4BCPZ Datasheet HTML 5Page - Analog Devices AD9516-4BCPZ Datasheet HTML 6Page - Analog Devices AD9516-4BCPZ Datasheet HTML 7Page - Analog Devices AD9516-4BCPZ Datasheet HTML 8Page - Analog Devices AD9516-4BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
14-Output Clock Generator with
Integrated 1.6 GHz VCO
AD9516-4
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Low phase noise, phase-locked loop
On-chip VCO tunes from 1.45 GHz to 1.80 GHz
External VCO/VCXO to 2.4 GHz optional
One differential or two single-ended reference inputs
Reference monitoring capability
Auto and manual reference switchover/holdover modes
Autorecover from holdover
Accepts references to 250 MHz
Programmable delays in path to PFD
Digital or analog lock detect, selectable
3 pairs of 1.6 GHz LVPECL outputs
Each pair shares 1 to 32 dividers with coarse phase delay
Additive output jitter 225 fS rms
Channel-to-channel skew paired outputs <10 ps
2 pairs of 800 MHz LVDS clock outputs
Each pair shares two cascaded 1 to 32 dividers with coarse
phase delay
Additive output jitter 275 fS rms
Fine delay adjust (ΔT) on each LVDS output
Eight 250 MHz CMOS outputs (two per LVDS output)
Automatic synchronization of all outputs on power-up
Manual synchronization of outputs as needed
Serial control port
64-lead LFCSP
APPLICATIONS
Low jitter, low phase noise clock distribution
Clocking high speed ADCs, DACs, DDSs, DDCs, DUCs, MxFEs
High performance wireless transceivers
High performance instrumentation
Broadband infrastructure
ATE
GENERAL DESCRIPTION
The AD9516-41 provides a multi-output clock distribution
function with subpicosecond jitter performance, along with an on-
chip PLL and VCO. The on-chip VCO tunes from 1.45 GHz to
1.80 GHz. Optionally, an external VCO/VCXO of up to 2.4 GHz
may be used.
The AD9516-4 emphasizes low jitter and phase noise to
maximize data converter performance and can benefit other
applications with demanding phase noise and jitter requirements.
FUNCTIONAL BLOCK DIAGRAM
REFIN
REF1
REF2
CLK
LF
DIVIDER
AND MUXs
CP
VCO
STATUS
MONITOR
LVPECL
LVPECL
LVPECL
LVDS/CMOS
LVDS/CMOS
SERIAL CONTROL PORT
AND
DIGITAL LOGIC
AD9516-4
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
OUT9
DIV/Φ
DIV/Φ
DIV/Φ
DIV/Φ
DIV/Φ
DIV/Φ
DIV/Φ
ΔT
ΔT
ΔT
ΔT
Figure 1.
The AD9516-4 features six LVPECL outputs (in three pairs);
four LVDS outputs (in two pairs); and eight CMOS outputs
(two per LVDS output). The LVPECL outputs operate to
1.6 GHz, the LVDS outputs operate to 800 MHz, and the CMOS
outputs operate to 250 MHz.
Each pair of outputs has dividers that allow both the divide
ratio and coarse delay (or phase) to be set. The range of division
for the LVPECL outputs is 1 to 32. The LVDS/CMOS outputs
allow a range of divisions up to a maximum of 1024.
The AD9516-4 is available in a 64-lead LFCSP and can be
operated from a single 3.3 V supply. An external VCO, which
requires an extended voltage range, can be accommodated
by connecting the charge pump supply (VCP) to 5.5 V. A
separate LVPECL power supply can be from 2.375 V to 3.6 V.
The AD9516-4 is specified for operation over the industrial
range of −40°C to +85°C.
1 AD9516 is used throughout to refer to all the members of the AD9516
family. However, when AD9516-4 is used, it is referring to that specific
member of the AD9516 family.


Similar Part No. - AD9516-4BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9516-4 AD-AD9516-4 Datasheet
707Kb / 8P
   High Dynamic Range RF Transmitter Signal Chain Using Single External Frequency Reference for DAC Sample Clock and IQ Modulator LO Generation
REV. 0
AD9516-4 AD-AD9516-4_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. C
More results

Similar Description - AD9516-4BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9516-4 AD-AD9516-4_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. C
AD9518-4 AD-AD9518-4_15 Datasheet
1Mb / 61P
   6-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. D
AD9517-4 AD-AD9517-4 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. E
AD9518-4 AD-AD9518-4 Datasheet
985Kb / 64P
   6-Output Clock Generator with Integrated 1.6 GHz VCO
REV. B
AD9517-4BCPZ AD-AD9517-4BCPZ Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. E
AD9517-4 AD-AD9517-4_15 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. E
AD9516-3 AD-AD9516-3 Datasheet
957Kb / 84P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. 0
AD9516-3 AD-AD9516-3_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. C
AD9516-1 AD-AD9516-1 Datasheet
1Mb / 84P
   14-Output Clock Generator with Integrated 2.5 GHz VCO
REV. 0
AD9516-2 AD-AD9516-2 Datasheet
946Kb / 84P
   14-Output Clock Generator with Integrated 2.2 GHz VCO
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com