Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGS14C40LPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRGS14C40LPBF
Description  IGBT with on-chip Gate-Emitter and Gate-Collector clamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS14C40LPBF Datasheet(HTML) 5 Page - International Rectifier

  IRGS14C40LPBF Datasheet HTML 1Page - International Rectifier IRGS14C40LPBF Datasheet HTML 2Page - International Rectifier IRGS14C40LPBF Datasheet HTML 3Page - International Rectifier IRGS14C40LPBF Datasheet HTML 4Page - International Rectifier IRGS14C40LPBF Datasheet HTML 5Page - International Rectifier IRGS14C40LPBF Datasheet HTML 6Page - International Rectifier IRGS14C40LPBF Datasheet HTML 7Page - International Rectifier IRGS14C40LPBF Datasheet HTML 8Page - International Rectifier IRGS14C40LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.irf.com
11/19/04
IRGS14C40LPbF
IRGSL14C40LPbF
IRGB14C40LPbF
Ignition IGBT
Page 5
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
Notes:
1. Duty factor D =
t / t
2. Peak T
= P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLEPULSE
(THERMALRESPONSE)
Fig.11 - Transient Thermal Impedance, Junction-to-Case
Fig.9 - Self-clamp Avalance Current vs
Inductance @ 25°C
10
15
20
25
30
35
40
01
2345
Inductance (mH)
Minimum
Typical
Fig.10 - Self-clamp Avalance Current
vs Inductance @ 150°C
4
6
8
10
12
14
16
18
20
024
68
10
Inductance (mH)
Minimum
Typical


Similar Part No. - IRGS14C40LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGS14C40LPBF IRF-IRGS14C40LPBF Datasheet
297Kb / 12P
   MOST RUGGED IN INDUSTRY
IRGS14C40LPBF IRF-IRGS14C40LPBF_15 Datasheet
297Kb / 12P
   MOST RUGGED IN INDUSTRY
More results

Similar Description - IRGS14C40LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGS14C40L IRF-IRGS14C40L Datasheet
155Kb / 11P
   IGBT with on-chip Gate-Emitter and Gate-Collector clamps
IRGS14C40LTRLP IRF-IRGS14C40LTRLP Datasheet
171Kb / 12P
   IGBT with on-chip Gate-Emitter and Gate-Collector clamps
logo
Fairchild Semiconductor
DM74ALS09 FAIRCHILD-DM74ALS09 Datasheet
48Kb / 4P
   Quad 2-Input AND Gate with Open Collector Outputs
logo
First Silicon Co., Ltd
FTK2306 FS-FTK2306 Datasheet
408Kb / 4P
   low gate charge and operation with gate low gate charge and operation with gate
logo
Motorola, Inc
MC5403L MOTOROLA-MC5403L Datasheet
204Kb / 2P
   QUAD 2-INPUT NAND GATE WITH OPEN COLLECTOR
logo
International Rectifier
OM9404SM IRF-OM9404SM Datasheet
32Kb / 3P
   IGBT GATE DRIVER
logo
IXYS Corporation
IX6611 IXYS-IX6611 Datasheet
1Mb / 15P
   IGBT Gate Driver
logo
Toshiba Semiconductor
TA8316AS TOSHIBA-TA8316AS Datasheet
213Kb / 6P
   IGBT GATE DRIVER
logo
Unisonic Technologies
UA8316 UTC-UA8316_15 Datasheet
171Kb / 6P
   IGBT GATE DRIVER
UA8316 UTC-UA8316 Datasheet
171Kb / 6P
   IGBT GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com