Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9516-2BCPZ-REEL7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9516-2BCPZ-REEL7
Description  14-Output Clock Generator with Integrated 2.2 GHz VCO
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-2BCPZ-REEL7 Datasheet(HTML) 3 Page - Analog Devices

  AD9516-2BCPZ-REEL7 Datasheet HTML 1Page - Analog Devices AD9516-2BCPZ-REEL7 Datasheet HTML 2Page - Analog Devices AD9516-2BCPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD9516-2BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD9516-2BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD9516-2BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD9516-2BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD9516-2BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD9516-2BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 84 page
background image
AD9516-2
Rev. 0 | Page 3 of 84
Individual Circuit Block Power-Down ................................51
Serial Control Port ..........................................................................52
Serial Control Port Pin Descriptions........................................52
General Operation of Serial Control Port ...............................52
Communication Cycle—Instruction Plus Data..................52
Write .........................................................................................52
Read ..........................................................................................53
The Instruction Word (16 Bits).................................................53
MSB/LSB First Transfers ............................................................53
Register Map Overview ..................................................................56
Register Map Descriptions.............................................................60
Application Notes............................................................................79
Using the AD9516 Outputs for ADC Clock Applications ....79
LVPECL Clock Distribution......................................................79
LVDS Clock Distribution...........................................................79
CMOS Clock Distribution.........................................................80
Outline Dimensions........................................................................81
Ordering Guide ...........................................................................81
REVISION HISTORY
6/07—Revision 0: Initial Version


Similar Part No. - AD9516-2BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9516-2 AD-AD9516-2 Datasheet
707Kb / 8P
   High Dynamic Range RF Transmitter Signal Chain Using Single External Frequency Reference for DAC Sample Clock and IQ Modulator LO Generation
REV. 0
AD9516-2 AD-AD9516-2_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 2.2 GHz VCO
REV. C
More results

Similar Description - AD9516-2BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9516-2 AD-AD9516-2_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 2.2 GHz VCO
REV. C
AD9517-2 AD-AD9517-2_15 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.2 GHz VCO
Rev. E
AD9517-2 AD-AD9517-2 Datasheet
844Kb / 80P
   12-Output Clock Generator with Integrated 2.2 GHz VCO
AD9518-2 AD-AD9518-2 Datasheet
1Mb / 64P
   6-Output Clock Generator with Integrated 2.2 GHz VCO
REV. C
AD9518_2 AD-AD9518_2_15 Datasheet
1Mb / 64P
   6-Output Clock Generator with Integrated 2.2 GHz VCO
Rev. C
AD9516-4 AD-AD9516-4 Datasheet
1Mb / 84P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9516-3 AD-AD9516-3 Datasheet
957Kb / 84P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. 0
AD9516-3 AD-AD9516-3_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. C
AD9516-4 AD-AD9516-4_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. C
AD9516-1 AD-AD9516-1 Datasheet
1Mb / 84P
   14-Output Clock Generator with Integrated 2.5 GHz VCO
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com