Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMD6 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PEMD6
Description  NPN/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = open
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMD6 Datasheet(HTML) 3 Page - NXP Semiconductors

  PEMD6 Datasheet HTML 1Page - NXP Semiconductors PEMD6 Datasheet HTML 2Page - NXP Semiconductors PEMD6 Datasheet HTML 3Page - NXP Semiconductors PEMD6 Datasheet HTML 4Page - NXP Semiconductors PEMD6 Datasheet HTML 5Page - NXP Semiconductors PEMD6 Datasheet HTML 6Page - NXP Semiconductors PEMD6 Datasheet HTML 7Page - NXP Semiconductors PEMD6 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2001 Nov 07
3
Philips Semiconductors
Product specification
NPN/PNP resistor-equipped transistors;
R1 = 4.7 k
Ω, R2 = open
PEMD6
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. Transistor mounted on an FR4 printed-circuit board.
THERMAL CHARACTERISTICS
Notes
1. Transistor mounted on an FR4 printed-circuit board.
2. The only recommended soldering method is reflow soldering.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per transistor; for the PNP transistor with negative polarity
VCBO
collector-base voltage
open emitter
50
V
VCEO
collector-emitter voltage
open base
50
V
VEBO
emitter-base voltage
open collector
10
V
Vi
input voltage TR1
positive
+40
V
negative
−−10
V
input voltage TR2
positive
+10
V
negative
−−40
V
IO
output current (DC)
100
mA
ICM
peak collector current
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
300
mW
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to
ambient
notes 1 and 2
416
K/W


Similar Part No. - PEMD6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD6 NXP-PEMD6 Datasheet
298Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Apr 07
logo
Nexperia B.V. All right...
PEMD6 NEXPERIA-PEMD6 Datasheet
190Kb / 8P
   50 V, 100 mA NPN/PNP Resistor-Equipped Transistor; R1 = 4.7 kΩ, R2 = open
5 January 2023
PEMD6 NEXPERIA-PEMD6 Datasheet
136Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2003 Oct 15
PEMD6 NEXPERIA-PEMD6 Datasheet
297Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Apr 07
logo
NXP Semiconductors
PEMD6_PUMD6 PHILIPS-PEMD6_PUMD6_15 Datasheet
298Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Apr 07
More results

Similar Description - PEMD6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC143T PHILIPS-PDTC143T Datasheet
92Kb / 14P
   NPN resistor-equipped transistors; R1 = 4.7 kOHM, R2 = open
2004 Aug 06
PDTA143T PHILIPS-PDTA143T Datasheet
89Kb / 14P
   PNP resistor-equipped transistors: R1 = 4.7 KOHM, R2 = open
2004 Aug 04
PEMH7 PHILIPS-PEMH7 Datasheet
50Kb / 8P
   NPN resistor-equipped transistors; R1 = 4.7 kohm, R2 = open
2001 Oct 22
PUMD13 PHILIPS-PUMD13 Datasheet
56Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 kOHM, R2 = 47 kOHM
2003 Oct 08
PEMD13 PHILIPS-PEMD13 Datasheet
67Kb / 12P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2001 Sep 11
PEMH13 PHILIPS-PEMH13 Datasheet
56Kb / 8P
   NPN resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2001 Dec 13
PEMB13 PHILIPS-PEMB13 Datasheet
60Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2004 Apr 15
PUMH13 PHILIPS-PUMH13 Datasheet
61Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 4.7 kOHM, R2 = 47 kOHM
2004 Apr 14
PEMB3 PHILIPS-PEMB3 Datasheet
44Kb / 8P
   PNP resistor-equipped double transistor R1 = 4.7 kohm, R2 = open
2001 Sep 14
PDTA114T PHILIPS-PDTA114T Datasheet
91Kb / 14P
   PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = open
2004 Aug 02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com