Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4304-2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4304-2
Description  1:2 Single-Ended, Low Cost, Active RF Splitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4304-2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4304-2 Datasheet HTML 3Page - Analog Devices ADA4304-2 Datasheet HTML 4Page - Analog Devices ADA4304-2 Datasheet HTML 5Page - Analog Devices ADA4304-2 Datasheet HTML 6Page - Analog Devices ADA4304-2 Datasheet HTML 7Page - Analog Devices ADA4304-2 Datasheet HTML 8Page - Analog Devices ADA4304-2 Datasheet HTML 9Page - Analog Devices ADA4304-2 Datasheet HTML 10Page - Analog Devices ADA4304-2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADA4304-2
Rev. 0 | Page 7 of 12
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
100
50
1000
4000
TA = –40°C
FREQUENCY (MHz)
TA = +85°C
TA = +25°C
Figure 11. Gain (S21, S31) vs. Frequency
–40
–39
–38
–37
–36
–35
–34
–33
–32
–31
–30
100
50
1000
4000
FREQUENCY (MHz)
Figure 12. Output-to-Input Isolation (S12, S13) vs. Frequency
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
100
50
1000
4000
FREQUENCY (MHz)
`Figure 13. Output-to-Output Isolation (S23, S32) vs. Frequency
–40
–35
–30
–25
–20
–15
–10
–5
0
100
50
1000
FREQUENCY (MHz)
Figure 14. Input Return Loss (S11) vs. Frequency
–40
–35
–30
–25
–20
–15
–10
–5
0
100
50
1000
FREQUENCY (MHz)
Figure 15. Output Return Loss (S22, S33) vs. Frequency
70
75
80
85
90
95
–60 –50 –40 –30 –20 –10 0 10 20 30 40 50 60 70 80 90 100
TEMPERATURE (°C)
Figure 16. Quiescent Supply Current vs. Temperature


Similar Part No. - ADA4304-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4304-2 AD-ADA4304-2 Datasheet
297Kb / 10P
   1:2 Single-Ended, Low Cost, Active RF Splitter
ADA4304-2ACPZ-R2 AD-ADA4304-2ACPZ-R2 Datasheet
297Kb / 10P
   1:2 Single-Ended, Low Cost, Active RF Splitter
ADA4304-2ACPZ-R7 AD-ADA4304-2ACPZ-R7 Datasheet
297Kb / 10P
   1:2 Single-Ended, Low Cost, Active RF Splitter
ADA4304-2ACPZ-RL AD-ADA4304-2ACPZ-RL Datasheet
297Kb / 10P
   1:2 Single-Ended, Low Cost, Active RF Splitter
ADA4304-2 AD-ADA4304-2_16 Datasheet
297Kb / 10P
   1:2 Single-Ended, Low Cost, Active RF Splitter
More results

Similar Description - ADA4304-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4304-2 AD-ADA4304-2_16 Datasheet
297Kb / 10P
   1:2 Single-Ended, Low Cost, Active RF Splitter
ADA4303-2 AD-ADA4303-2 Datasheet
268Kb / 12P
   1:2 Single-Ended, Low Cost Active RF Splitter
REV. 0
ADA4303-2 AD-ADA4303-2_16 Datasheet
207Kb / 12P
   1:2 Single-Ended, Low Cost Active RF Splitter
ADA4303-2 AD-ADA4303-2_15 Datasheet
266Kb / 12P
   Single-Ended, Low Cost Active RF Splitter
REV. 0
ADA4304-3 AD-ADA4304-3_15 Datasheet
438Kb / 12P
   Single-Ended, Low Cost, Active RF Splitters
REV. 0
ADA4304-4 AD-ADA4304-4_15 Datasheet
438Kb / 12P
   Single-Ended, Low Cost, Active RF Splitters
REV. 0
ADA4304-3 AD-ADA4304-3 Datasheet
217Kb / 11P
   1:3 and 1:4 Single-Ended, Low Cost Active RF Splitters
logo
M/A-COM Technology Solu...
MAAM-009811 MA-COM-MAAM-009811 Datasheet
268Kb / 5P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-008818 MA-COM-MAAM-008818_17 Datasheet
870Kb / 7P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-007805 MA-COM-MAAM-007805_15 Datasheet
933Kb / 6P
   Broadband CATV Single Ended 2-Way Active Splitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com