Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4304-2ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4304-2ACPZ-R7
Description  1:2 Single-Ended, Low Cost, Active RF Splitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4304-2ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4304-2ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4304-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4304-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4304-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4304-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4304-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4304-2ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4304-2ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4304-2ACPZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADA4304-2
Rev. 0 | Page 9 of 12
APPLICATIONS
The ADA4304-2 active splitter is primarily intended for use in
the downstream path of television set-top boxes (STBs) that
contain multiple tuners. It is typically located directly after the
diplexer in a bidirectional CATV customer premise unit. The
ADA4304-2 provides a single-ended input and two single-
ended outputs that allow the delivery of the RF signal to two
different signal paths. These paths can include, but are not
limited to, a main picture tuner, the picture-in-picture (PIP)
tuner, an out-of-band (OOB) tuner, a digital video recorder
(DVR), and a cable modem (CM).
The ADA4304-2 exhibits composite second order (CSO) and
composite triple beat (CTB) products that are −62 dBc and
−72 dBc, respectively. The use of the SiGe bipolar process also
allows the ADA4304-2 to achieve a noise figure (NF) of 4 dB.
CIRCUIT DESCRIPTION
The ADA4304-2 consists of a low noise buffer amplifier followed
by a resistive power divider. This arrangement provides 2.8 dB
of gain relative to the RF signal present at the input of the device.
The input and each output must be properly matched to a 75 Ω
environment for distortion and noise performance to match the
data sheet specifications. AC coupling capacitors of 0.01 μF are
recommended for the input and outputs.
A 1 μH RF choke (Coilcraft chip inductor 0805LS-102X) is
required to correctly bias internal nodes of the ADA4304-2. It
should be connected between the 5 V supply and the IL pin
(Pin 14). The choke should be placed as close as possible to
the ADA4304-2 to minimize parasitic capacitance on the
IL pin, which is critical for achieving the specified bandwidth
and flatness.
EVALUATION BOARDS
The ADA4304-2 evaluation board allows designers to assess the
performance of the parts in their particular application. The
board includes 75 Ω coaxial connectors and 75 Ω controlled-
impedance signal traces that carry the input and output signals.
Power (5 V) is applied to the red VCC loop connector, and
ground is connected to the black GND loop connector. Figure 20 is
a schematic of the ADA4304-2 evaluation board. On the
ADA4304-2 evaluation board, connectors VO1 and VO4 are
not populated.
RF LAYOUT CONSIDERATIONS
Appropriate impedance matching techniques are mandatory
when designing circuit boards for the ADA4304-2. Improper
characteristic impedances on traces can cause reflections that
can lead to poor linearity. The characteristic impedance of the
signal trace to the input and from each output should be 75 Ω.
Any ground metal on the top surface near signal lines should be
stitched with vias to the internal ground plane, as shown in
Figure 21.
POWER SUPPLY
The 5 V supply should be applied to each of the VCC pins and
RF choke via a low impedance power bus. The power bus should
be decoupled to ground using a 10 μF tantalum capacitor and a
0.1 μF ceramic chip capacitor located close to the ADA4304-2. In
addition, the VCC pins should be decoupled to ground with a
0.1 μF ceramic chip capacitor located as close to each of the pins
as possible.
ADA4304-2
L1
1.0μH
GND
VCC
VO3
VIN
NC = NO CONNECT
C2
0.01μF
C4
0.01μF
VO2
C3
0.01μF
C5
10µF
+
C1
0.1µF
C8
0.1µF
1
VCC
2
VCC
3
GND
4
VIN
11
GND
12
VOUT1
10
VOUT2
9
GND
5
6
7 8
15
16
14 13
Figure 20. Evaluation Board Schematic


Similar Part No. - ADA4304-2ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4304-2ACPZ-R7 AD-ADA4304-2ACPZ-R7 Datasheet
297Kb / 10P
   1:2 Single-Ended, Low Cost, Active RF Splitter
More results

Similar Description - ADA4304-2ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4304-2 AD-ADA4304-2_16 Datasheet
297Kb / 10P
   1:2 Single-Ended, Low Cost, Active RF Splitter
ADA4303-2 AD-ADA4303-2 Datasheet
268Kb / 12P
   1:2 Single-Ended, Low Cost Active RF Splitter
REV. 0
ADA4303-2 AD-ADA4303-2_16 Datasheet
207Kb / 12P
   1:2 Single-Ended, Low Cost Active RF Splitter
ADA4303-2 AD-ADA4303-2_15 Datasheet
266Kb / 12P
   Single-Ended, Low Cost Active RF Splitter
REV. 0
ADA4304-3 AD-ADA4304-3_15 Datasheet
438Kb / 12P
   Single-Ended, Low Cost, Active RF Splitters
REV. 0
ADA4304-4 AD-ADA4304-4_15 Datasheet
438Kb / 12P
   Single-Ended, Low Cost, Active RF Splitters
REV. 0
ADA4304-3 AD-ADA4304-3 Datasheet
217Kb / 11P
   1:3 and 1:4 Single-Ended, Low Cost Active RF Splitters
logo
M/A-COM Technology Solu...
MAAM-009811 MA-COM-MAAM-009811 Datasheet
268Kb / 5P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-008818 MA-COM-MAAM-008818_17 Datasheet
870Kb / 7P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-007805 MA-COM-MAAM-007805_15 Datasheet
933Kb / 6P
   Broadband CATV Single Ended 2-Way Active Splitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com