Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4000-1ARZ-RL Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4000-1ARZ-RL
Description  Low Cost, Precision JFET Input Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4000-1ARZ-RL Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4000-1ARZ-RL Datasheet HTML 4Page - Analog Devices ADA4000-1ARZ-RL Datasheet HTML 5Page - Analog Devices ADA4000-1ARZ-RL Datasheet HTML 6Page - Analog Devices ADA4000-1ARZ-RL Datasheet HTML 7Page - Analog Devices ADA4000-1ARZ-RL Datasheet HTML 8Page - Analog Devices ADA4000-1ARZ-RL Datasheet HTML 9Page - Analog Devices ADA4000-1ARZ-RL Datasheet HTML 10Page - Analog Devices ADA4000-1ARZ-RL Datasheet HTML 11Page - Analog Devices ADA4000-1ARZ-RL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADA4000-1/ADA4000-2/ADA4000-4
Rev. 0 | Page 8 of 16
3.5
1.0
±5
±15
SUPPLY VOLTAGE (V)
3.0
2.5
2.0
1.5
±6
±7
±8
±9
±10
±11
±12
±13
±14
TA = 25°C
Figure 19. Input Bias Current vs. Supply Voltage
10000
–40
TEMPERATURE (°C)
1
0.1
10
100
1000
–25
–10
5
20
35
50
65
80
95
110 125
VS = ±15V
VS = ±5V
Figure 20. Input Bias Current vs. Temperature
1.44
1.20
–40
125
TEMPERATURE (°C)
1.40
1.36
1.32
1.28
1.24
–25 –10
5
20
35
50
65
80
95
110
VS = ±5V
VS = ±15V
Figure 21. Supply Current vs. Temperature
1.40
1.35
1.30
1.25
1.20
1.15
1.10
±4
±5
±6
±7
±8
±9
±10 ±11 ±12 ±13 ±14
±15
SUPPLY VOLTAGE (V)
TA = 25°C
NO LOAD
Figure 22. Supply Current vs. Supply Voltage
16
0
0
25.0
LOAD CURRENT (mA)
14
12
10
8
6
4
2
2.5
5.0
7.5
10.0 12.5 15.0 17.5 20.0 22.5
VS = ±15V
VS = ±5V
|VOL|
VOH
|VOL|
VOH
Figure 23. Output Voltage vs. Load Current
120
–20
100
10M
FREQUENCY (Hz)
20
80
1k
10k
100k
1M
100
40
60
0
VS = ±5V, ±15V
PSRR–
PSRR+
Figure 24. PSRR vs. Frequency


Similar Part No. - ADA4000-1ARZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4000-1ARZ-RL AD-ADA4000-1ARZ-RL Datasheet
578Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
ADA4000-1ARZ-RL1 AD-ADA4000-1ARZ-RL1 Datasheet
420Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. A
More results

Similar Description - ADA4000-1ARZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4000-1 AD-ADA4000-1_09 Datasheet
420Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. A
ADA4000-1 AD-ADA4000-1_16 Datasheet
578Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
ADTL082 AD-ADTL082_07 Datasheet
298Kb / 12P
   Low Cost JFET Input Operational Amplifiers
REV. B
ADTL082ARMZ AD-ADTL082ARMZ Datasheet
299Kb / 12P
   Low Cost JFET Input Operational Amplifiers
REV. B
ADTL082 AD-ADTL082 Datasheet
184Kb / 6P
   Low Cost JFET Input Operational Amplifiers
Rev. PrA
OP-16 AD-OP-16_15 Datasheet
793Kb / 14P
   PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
OP-15 AD-OP-15 Datasheet
776Kb / 14P
   PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS
OP-17 AD-OP-17_15 Datasheet
793Kb / 14P
   PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
OP15 AD-OP15 Datasheet
429Kb / 12P
   Precision JFET-Input Operational Amplifiers
REV. A
logo
Linear Integrated Syste...
LF412A LINEAR-LF412A Datasheet
486Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com