Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAU1590 Datasheet(PDF) 4 Page - Analog Devices

Part # ADAU1590
Description  Class-D Audio Power Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1590 Datasheet(HTML) 4 Page - Analog Devices

  ADAU1590 Datasheet HTML 1Page - Analog Devices ADAU1590 Datasheet HTML 2Page - Analog Devices ADAU1590 Datasheet HTML 3Page - Analog Devices ADAU1590 Datasheet HTML 4Page - Analog Devices ADAU1590 Datasheet HTML 5Page - Analog Devices ADAU1590 Datasheet HTML 6Page - Analog Devices ADAU1590 Datasheet HTML 7Page - Analog Devices ADAU1590 Datasheet HTML 8Page - Analog Devices ADAU1590 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADAU1590
Rev. 0 | Page 4 of 24
DC SPECIFICATIONS
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT IMPEDANCE
20
AINL/AINR
OUTPUT DC OFFSET VOLTAGE
±3
mV
POWER SUPPLIES
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ANALOG SUPPLY VOLTAGE (AVDD)
3.0
3.3
3.6
V
DIGITAL SUPPLY VOLTAGE (DVDD)
3.0
3.3
3.6
V
POWER TRANSISTOR SUPPLY VOLTAGE (PVDD)
9
12
15
V
POWER-DOWN CURRENT
STDN held low
AVDD
6
60
μA
DVDD
0.14
0.24
mA
PVDD
0.06
0.25
mA
MUTE CURRENT
MUTE held low
AVDD
13
20
mA
DVDD
1.8
3.2
mA
PVDD
4.5
8
mA
OPERATING CURRENT
STDN and MUTE held high, no input
AVDD
13
30
mA
DVDD
2.7
4
mA
PVDD
34
65
mA
DIGITAL I/O
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT VOLTAGE
Input Voltage High
2
V
Input Voltage Low
0.8
V
OUTPUT VOLTAGE
Output Voltage High
2
V
@ 2 mA
Output Voltage Low
0.4
V
@ 2 mA
LEAKAGE CURRENT ON DIGITAL INPUTS
10
μA


Similar Part No. - ADAU1590

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1590 AD-ADAU1590_15 Datasheet
1Mb / 24P
   Class-D Audio Power Amplifier
REV. 0
More results

Similar Description - ADAU1590

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Analog Devices
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1590 AD-ADAU1590_15 Datasheet
1Mb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1592 AD-ADAU1592_15 Datasheet
607Kb / 24P
   Class-D Audio Power Amplifier
REV. A
logo
ON Semiconductor
LV4924VH ONSEMI-LV4924VH Datasheet
436Kb / 15P
   Class-D Audio power Amplifier
May, 2013
logo
International Rectifier
IRAUDAMP9 IRF-IRAUDAMP9_15 Datasheet
4Mb / 39P
   Class D Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
CSC8008 YONGFUKANG-CSC8008 Datasheet
301Kb / 7P
   Class D audio power amplifier
logo
ON Semiconductor
LV4910T ONSEMI-LV4910T Datasheet
81Kb / 7P
   Class-D Audio Power Amplifier
May, 2013
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
   AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com