Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE207BBPZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADATE207BBPZ
Description  Quad Pin Timing Formatter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE207BBPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADATE207BBPZ Datasheet HTML 6Page - Analog Devices ADATE207BBPZ Datasheet HTML 7Page - Analog Devices ADATE207BBPZ Datasheet HTML 8Page - Analog Devices ADATE207BBPZ Datasheet HTML 9Page - Analog Devices ADATE207BBPZ Datasheet HTML 10Page - Analog Devices ADATE207BBPZ Datasheet HTML 11Page - Analog Devices ADATE207BBPZ Datasheet HTML 12Page - Analog Devices ADATE207BBPZ Datasheet HTML 13Page - Analog Devices ADATE207BBPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ADATE207
Rev. 0 | Page 10 of 36
Pin No.
Mnemonic
Input/Output1
Type
Description
H2
COMP_L_CH1_T
A, I, O
Analog
Center Tap. Center tap of two 50 Ω
resistor
terminations for the low comparator
differential inputs of Channel 1.
M20
COMP_L_CH2_T
A, I, O
Analog
Center Tap. Center tap of two 50 Ω resistor
terminations for the low comparator
differential Inputs of Channel 2.
H19
COMP_L_CH3_T
A, I, O
Analog
Center Tap. Center tap of two 50 Ω resistor
terminations for the low comparator
differential inputs of Channel 3.
M4
COMP_H_CH0_T
A, I, O
Analog
Center Tap. Center tap of two 50 Ω resistor
terminations for the high comparator
differential inputs of Channel 0.
H3
COMP_H_CH1_T
A, I, O
Analog
Center Tap. Center tap of two 50 Ω resistor
terminations for the high comparator
differential inputs of Channel 1.
M17
COMP_H_CH2_T
A, I, O
Analog
Center Tap. Center tap of two 50 Ω resistor
terminations for the high comparator
differential inputs of Channel 2.
H18
COMP_H_CH3_T
A, I, O
Analog
Center Tap. Center tap of two 50 Ω resistor
terminations for the high comparator
differential inputs of Channel 3.
W15, V15, Y16, W16, Y17,
W17, U16, V17, U18, T17,
U19, U20, T19, T20, R18, R19
CS_AD[15:0]
I, O
LVCMOS25
Bidirectional Multiplexed Address/Data Bus
for CSR Register Access. Clocked by MCLK.
U13
CS_AS
I
LVCMOS25
Address Strobe for the Address/Data Bus.
Clocked by MCLK.
V14
CS_RW_B
I
LVCMOS25
Read/Write Bar Signal for the Address Data
Bus. High for reads. Clocked by MCLK.
Y15
CLKGEN_MD_EN
I
LVCMOS25
Mode Pin for Clock Generation. Tie to Logic
low for normal operation.
L1
MCLK_P
D, I
LVCMOS25
Positive Portion of the Master Clock Signal.
K2
MCLK_N
D, I
LVCMOS25
Negative Portion of the Master Clock Signal.
R4
RESET_B
I
LVCMOS25
Reset Bar. Active low power-on reset signal.
D19
TDI
I
LVCMOS25
Scan Chain Data In. Tie to Logic high for
normal operation.
C8
TDO
O
LVCMOS25
Scan Chain Data Out.
A7
TCK
I
LVCMOS25
Scan Chain Clock. Tie to Logic high for
normal operation.
D18
TMS
I
LVCMOS25
Scan Chain Mode. Tie to Logic high for
normal operation.
E17
TRST_B
I
LVCMOS25
Active Low Scan Chain Reset. Tie to Logic low
for normal operation.
R1
REF_1K
A, I, O
Analog
Controls the output current of the differential
open drain outputs.
P3
T_DIODE
A, I, O
Analog
Thermal Sensing Diode Anode. Force current
and measure voltage to measure die
temperature stability.
T2
TESTMODE
I
LVCMOS25
Must be connected to VSS.
F2, F1, F19, F20, T1, R3, R2,
R20, N4, N17, P18
NC
No Connect. Must be left unconnected.
SHIELD
A, I, O, P
GND
Connect to VSS.
R17, U15, D9, D11, D12, D13,
U10, U9, V7, V5
IOVSS
P
GND
Power, 0.0 V.
U8, U6, T18, V16
IOVDD
P
VDD
Power, 2.5 V.
C9, C11, C13, C15, V11, V9
IOVDD
P
Power, 2.5 V.
A3 to A1
VSS
P
Power, 0.0 V


Similar Part No. - ADATE207BBPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADATE207 AD-ADATE207_15 Datasheet
624Kb / 36P
   Quad Pin Timing Formatter
REV. 0
More results

Similar Description - ADATE207BBPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADATE207 AD-ADATE207_15 Datasheet
624Kb / 36P
   Quad Pin Timing Formatter
REV. 0
logo
Fujitsu Component Limit...
MB8876A FUJITSU-MB8876A Datasheet
532Kb / 17P
   FLOPPY DISK FORMATTER / CONTROLLER (FDC)
logo
Semtech Corporation
EDGE629 SEMTECH-EDGE629 Datasheet
114Kb / 16P
   1 GHz Timing Deskew and Quad Fanout Element
logo
List of Unclassifed Man...
SAB2797B ETC1-SAB2797B Datasheet
1Mb / 30P
   Advanced Floppy Disk Formatter/Controller Family
logo
Gennum Corporation
GS1511 GENNUM-GS1511 Datasheet
131Kb / 9P
   HD-LINX -TM GS1511 HDTV Serial Digital Formatter
GS1501 GENNUM-GS1501 Datasheet
184Kb / 15P
   HDTV Serial Digital Formatter with ANC FIFOs
logo
List of Unclassifed Man...
WD2797 ETC-WD2797 Datasheet
1Mb / 30P
   WD279X-02 FLOPPY DISK FORMATTER/CONTROLLER FAMILY
logo
M/A-COM Technology Solu...
MA4P290-1225T MA-COM-MA4P290-1225T Datasheet
129Kb / 6P
   PIN Diode ? Quad Attenuator
logo
Panasonic Semiconductor
PN304V PANASONIC-PN304V Datasheet
206Kb / 5P
   SI PIN QUAD PHOTODIODE
logo
NXP Semiconductors
BAP64Q PHILIPS-BAP64Q_15 Datasheet
153Kb / 13P
   Quad PIN diode attenuator
Rev. 1-7 October 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com