Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41303A4159M007 Datasheet(PDF) 3 Page - EPCOS

Part # B41303A4159M007
Description  Snap-In Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41303A4159M007 Datasheet(HTML) 3 Page - EPCOS

  B41303A4159M007 Datasheet HTML 1Page - EPCOS B41303A4159M007 Datasheet HTML 2Page - EPCOS B41303A4159M007 Datasheet HTML 3Page - EPCOS B41303A4159M007 Datasheet HTML 4Page - EPCOS B41303A4159M007 Datasheet HTML 5Page - EPCOS B41303A4159M007 Datasheet HTML 6Page - EPCOS B41303A4159M007 Datasheet HTML 7Page - EPCOS B41303A4159M007 Datasheet HTML 8Page - EPCOS B41303A4159M007 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
212 10/02
Standard 85 °C
B41303 / B43303
Dimensional drawings
Snap-in terminals, standard (length 6,3
± 1 mm).
Also available in a shorter version with a length
of 4,5 –1 mm. For packing mode and ordering
example see next page.
Snap-in capacitors are also available with
3 terminals (length 4,5 –1mm).
For packing mode and ordering example see
next page.
Dimensions (mm)
Approx.
weight (g)
Packing units
(pieces)
d + 1
l
± 2
22
22
22
22
22
25
30
35
40
45
9
12
15
18
20
160
160
160
160
160
25
25
25
25
25
25
30
35
40
45
13
17
19
22
25
130
130
130
130
130
Mounting
holes
Minus pole marking
KAL0140-J
Dimensions (mm)
Approx.
weight (g)
Packing units
(pieces)
d + 1
l
± 2
30
30
30
30
30
30
30
20
25
30
35
40
45
50
14
17
23
29
36
41
46
80
80
80
80
80
80
80
35
35
35
35
35
20
40
45
50
55
19
44
52
59
66
60
60
60
60
60
Mounting
holes
Minus pole marking
KAL0324-F


Similar Part No. - B41303A4159M007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41303A4159M000 EPCOS-B41303A4159M000 Datasheet
325Kb / 15P
   Snap-In Capacitors
More results

Similar Description - B41303A4159M007

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com