Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1185ARMZ-1 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM1185ARMZ-1
Description  Quad Voltage Monitor and Sequencer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1185ARMZ-1 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM1185ARMZ-1 Datasheet HTML 5Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 6Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 7Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 8Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 9Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 10Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 11Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 12Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADM1185
Rev. 0 | Page 9 of 16
THEORY OF OPERATION
The operation of the ADM1185 is explained in this section in
the context of the device in a voltage monitoring and sequencing
application (see Figure 18). In this application, the ADM1185
monitors four separate voltage rails, turns on three regulators in
a predefined sequence, and generates a power-good signal to
turn on a controller when all power supplies are up and stable.
POWER-ON SEQUENCING AND MONITORING
The main supply, in this case 3.3 V, powers up the device via the
VCC pin as the voltage rises. A supply voltage of 2.7 V to 5.5 V
is needed to power the device.
The VIN1 pin monitors the main 3.3 V supply. An external
resistor divider scales this voltage down for monitoring at the
VIN1 pin. The resistor ratio is chosen so that the VIN1 voltage
is 0.6 V when the main voltage rises to the preferred level at start-
up (a voltage below the nominal 3.3 V level). R1 is 4.6 kΩ and
R2 is 1.2 kΩ, so a voltage level of 2.9 V corresponds to 0.6 V on
the noninverting input of the first comparator (see Figure 17).
VIN1
1.2kΩ
4.6kΩ
0.6V
TO LOGIC
CORE
ADM1185
3.3V
2.9V
0V
V
t
2.9V SUPPLY
GIVES 0.6V
AT VIN1 PIN
Figure 17. Setting the Undervoltage Threshold with an
External Resistor Divider
OUT1 is an open-drain active high output. In this application,
OUT1 is connected to the enable pin of a regulator. Before the
voltage on VIN1 has reached 0.6 V, this output is switched to
ground, disabling Regulator 1. Note that all outputs are driven
to ground as long as there is 1 V on the VCC pin of the ADM1185.
When the main system voltage reaches 2.9 V, VIN1 detects 0.6 V.
This causes OUT1 to assert after a 190 ms (typical) delay. When
this occurs, the open-drain output switches high, and the external
pull-up resistor pulls the voltage on the Regulator 1 enable pin
above its turn-on threshold, turning on the output of Regulator 1.
The assertion of OUT1 turns on Regulator 1. The 2.5 V output
of this regulator begins to rise. This is detected by input VIN2
(with a similar resistor divider scheme as shown in Figure 18).
When VIN2 detects the 2.5 V rail rising above its UV point, it
asserts output OUT2, which turns on Regulator 2. A capacitor
can be placed on the VIN2 pin to slow the rise of the voltage on
this pin. This effectively sets a time delay between the 2.5 V rail
powering up and the next enabled regulator.
The same scheme is implemented with the other input and
output pins. Every rail that is turned on via an output pin,
OUTx, is monitored via an input pin VIN(x+1).
The final comparator inside the VIN4 pin detects the final supply
turning on, which is 1.2 V in this case. The output pins, OUT1
to OUT3 are logically AND’ed together to generate a system
power-good signal (PWRGD). There is an internal 190 ms delay
(typical) associated with the assertion of the PWRGD output.
Table 5 is a truth table that steps through the power-on sequence of
the outputs. Any associated internal time delays are also shown.
2.5V OUT
3.3V IN
1.8V OUT
1.2V OUT
2.5V OUT
1.8V OUT
1.2V OUT
OUT1
VIN1
OUT2
VIN2
OUT3
VIN3
VIN4
GND
PWRGD
POWER
GOOD
VCC
ADM1185
GND
REGULATOR1
IN
EN
OUT
GND
REGULATOR2
IN
EN
OUT
GND
REGULATOR3
IN
EN
OUT
Figure 18. Voltage Monitoring and Sequencing Application Diagram
Table 5. Truth Table
State
State Name
OUT1
OUT2
OUT3
OUT4
Next Event
Next State
1
Reset
0
0
0
0
VIN1 high for 190 ms
OUT1 On
2
OUT1 On
1
0
0
0
VIN1 and VIN2 high for 30 μs
OUT1, OUT2 On
3
OUT1, OUT2 On
1
1
0
0
VIN1 and VIN3 high for 30 μs
OUT1, OUT2, OUT3 On
4
OUT1, OUT2, OUT3 On
1
1
1
0
All high for 190 ms
Power Good
5
Power Good
1
1
1
1
VIN2 , VIN3, or VIN4 low for 30 μs
OUT1, OUT2, OUT3 On


Similar Part No. - ADM1185ARMZ-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1185ARMZ AD-ADM1185ARMZ Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
More results

Similar Description - ADM1185ARMZ-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
EVAL-ADM1185EBZ AD-EVAL-ADM1185EBZ_15 Datasheet
346Kb / 12P
   Quad Voltage Monitor and Sequencer Evaluation Kit
Rev. PrA
ADM1186 AD-ADM1186 Datasheet
444Kb / 28P
   Quad Voltage Up and Down Sequencer and Monitor with Programmable Timing
REV. 0
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
   Super Sequencer and Monitor
REV. D
ADM1068 AD-ADM1068 Datasheet
627Kb / 28P
   Super Sequencer??and Monitor
Rev. PrB
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
   Super Sequencer and Monitor
Rev. D
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
   Super Sequencer and Monitor
REV. C
logo
Maxim Integrated Produc...
MAX34461 MAXIM-MAX34461 Datasheet
3Mb / 59P
   PMBus 16-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
   PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com