Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMH4 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PEMH4
Description  NPN resistor-equipped double transistor R1 = 10 kohm, R2 = open
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMH4 Datasheet(HTML) 6 Page - NXP Semiconductors

  PEMH4 Datasheet HTML 1Page - NXP Semiconductors PEMH4 Datasheet HTML 2Page - NXP Semiconductors PEMH4 Datasheet HTML 3Page - NXP Semiconductors PEMH4 Datasheet HTML 4Page - NXP Semiconductors PEMH4 Datasheet HTML 5Page - NXP Semiconductors PEMH4 Datasheet HTML 6Page - NXP Semiconductors PEMH4 Datasheet HTML 7Page - NXP Semiconductors PEMH4 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2001 Sep 14
6
Philips Semiconductors
Preliminary specification
NPN resistor-equipped double transistor
R1=10k
Ω, R2 = open
PEMH4
DATA SHEET STATUS
Notes
1. Please consult the most recently issued data sheet before initiating or completing a design.
2. The product status of the device(s) described in this data sheet may have changed since this data sheet was
published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com.
DATA SHEET STATUS(1)
PRODUCT
STATUS(2)
DEFINITIONS
Objective data
Development
This data sheet contains data from the objective specification for product
development. Philips Semiconductors reserves the right to change the
specification in any manner without notice.
Preliminary data
Qualification
This data sheet contains data from the preliminary specification.
Supplementary data will be published at a later date. Philips
Semiconductors reserves the right to change the specification without
notice, in order to improve the design and supply the best possible
product.
Product data
Production
This data sheet contains data from the product specification. Philips
Semiconductors reserves the right to make changes at any time in order
to improve the design, manufacturing and supply. Changes will be
communicated according to the Customer Product/Process Change
Notification (CPCN) procedure SNW-SQ-650A.
DEFINITIONS
Short-form specification
 The data in a short-form
specification is extracted from a full data sheet with the
same type number and title. For detailed information see
the relevant data sheet or data handbook.
Limiting values definition
 Limiting values given are in
accordance with the Absolute Maximum Rating System
(IEC 60134). Stress above one or more of the limiting
values may cause permanent damage to the device.
These are stress ratings only and operation of the device
at these or at any other conditions above those given in the
Characteristics sections of the specification is not implied.
Exposure to limiting values for extended periods may
affect device reliability.
Application information
 Applications that are
described herein for any of these products are for
illustrative purposes only. Philips Semiconductors make
no representation or warranty that such applications will be
suitable for the specified use without further testing or
modification.
DISCLAIMERS
Life support applications
 These products are not
designed for use in life support appliances, devices, or
systems where malfunction of these products can
reasonably be expected to result in personal injury. Philips
Semiconductors customers using or selling these products
for use in such applications do so at their own risk and
agree to fully indemnify Philips Semiconductors for any
damages resulting from such application.
Right to make changes
 Philips Semiconductors
reserves the right to make changes, without notice, in the
products, including circuits, standard cells, and/or
software, described or contained herein in order to
improve design and/or performance. Philips
Semiconductors assumes no responsibility or liability for
the use of any of these products, conveys no licence or title
under any patent, copyright, or mask work right to these
products, and makes no representations or warranties that
these products are free from patent, copyright, or mask
work right infringement, unless otherwise specified.


Similar Part No. - PEMH4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH4 NXP-PEMH4 Datasheet
138Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = open
2004 Apr 14
logo
Nexperia B.V. All right...
PEMH4 NEXPERIA-PEMH4 Datasheet
209Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = open
2004 Apr 14
PEMH4 NEXPERIA-PEMH4 Datasheet
342Kb / 9P
   PNP/PNP resistor-equipped transistors; R1 = 10 kΩ, R2 = open
2003 Oct 15
logo
NXP Semiconductors
PEMH4_PUMH4 PHILIPS-PEMH4_PUMH4_15 Datasheet
138Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = open
2004 Apr 14
More results

Similar Description - PEMH4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB4 PHILIPS-PEMB4 Datasheet
44Kb / 8P
   PNP resistor-equipped double transistor R1 = 10 kohm, R2 = open
2001 Sep 14
PIMH9 PHILIPS-PIMH9 Datasheet
48Kb / 8P
   NPN resistor-equipped double transistor; R1 = 10 kohm, R2 = 47 kohm
2001 Sep 13
PDTC114E PHILIPS-PDTC114E Datasheet
92Kb / 14P
   NPN resistor-equipped transistor; R1 = 10 kohm, R2 = 10 kohm
2004 Aug 05
PEMH11 PHILIPS-PEMH11 Datasheet
55Kb / 8P
   NPN resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
2001 Oct 22
PEMB3 PHILIPS-PEMB3 Datasheet
44Kb / 8P
   PNP resistor-equipped double transistor R1 = 4.7 kohm, R2 = open
2001 Sep 14
PDTC143T PHILIPS-PDTC143T Datasheet
92Kb / 14P
   NPN resistor-equipped transistors; R1 = 4.7 kOHM, R2 = open
2004 Aug 06
PEMD3 PHILIPS-PEMD3 Datasheet
67Kb / 12P
   NPN/PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
2001 Nov 07
PEMH9 PHILIPS-PEMH9 Datasheet
55Kb / 8P
   NPN resistor-equipped transistors; R1 = 10 kohm, R2 = 47 kohm
2001 Nov 07
PDTA114T PHILIPS-PDTA114T Datasheet
91Kb / 14P
   PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = open
2004 Aug 02
PEMH7 PHILIPS-PEMH7 Datasheet
50Kb / 8P
   NPN resistor-equipped transistors; R1 = 4.7 kohm, R2 = open
2001 Oct 22
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com