Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3197 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3197
Description  6-Bit Programmable 2-/3-Phase Synchronous Buck Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3197 Datasheet(HTML) 1 Page - Analog Devices

  ADP3197 Datasheet HTML 1Page - Analog Devices ADP3197 Datasheet HTML 2Page - Analog Devices ADP3197 Datasheet HTML 3Page - Analog Devices ADP3197 Datasheet HTML 4Page - Analog Devices ADP3197 Datasheet HTML 5Page - Analog Devices ADP3197 Datasheet HTML 6Page - Analog Devices ADP3197 Datasheet HTML 7Page - Analog Devices ADP3197 Datasheet HTML 8Page - Analog Devices ADP3197 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
6-Bit Programmable 2-/3-Phase
Synchronous Buck Controller
ADP3197
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Selectable 2-phase and 3-phase operation at up to 1 MHz
per phase
±10 mV worst-case differential sensing error over
temperature
Logic-level PWM outputs for interface to external high
power drivers
Enhanced PWM flex mode for excellent load transient
performance
Active current balancing between all output phases
Built-in power good/crowbar blanking that supports
on-the-fly VID code changes
Digitally programmable 0.3750 V to 1.55 V output
Programmable short-circuit protection with
programmable latch-off delay
APPLICATIONS
Desktop PC power supplies for
Next-generation AMD processors
Voltage regulator modules (VRM)
GENERAL DESCRIPTION
The ADP31971is a highly efficient multiphase synchronous buck
switching regulator controller optimized for converting a 12 V
main supply into the core supply voltage required by high perform-
ance, Advanced Micro Devices, AMD processors. It uses an
internal 6-bit digital-to-analog converter (DAC) to read a voltage
identification (VID) code directly from the processor, which is
used to set the output voltage between 0.3750 V and 1.55 V. It uses
a multimode pulse-width modulation (PWM) architecture to
drive the logic level outputs at a programmable switching
frequency that can be optimized for VR size and efficiency.
The phase relationship of the output signals can be programmed
to provide 2-phase or 3-phase operation, allowing for the
construction of up to three complementary buck switching stages.
The ADP3197 supports a programmable slope function to adjust
the output voltage as a function of the load current so it is always
optimally positioned for a system transient. This can be disabled
by connecting the LLSET pin to the CSREF pin.
The ADP3197 also provides accurate and reliable short-circuit
protection, adjustable current limiting, and a delayed power-
good output that accommodates on-the-fly output voltage
changes requested by the CPU.
1Protected by U.S. Patent Number 6,683,441; other patents pending.
FUNCTIONAL BLOCK DIAGRAM
VCC
PRECISION
REFERENCE
DELAY
+
GND
ADP3197
EN
DELAY
ILIMIT
PWRGD
RAMPADJ
RT
PWM2
PWM3
SW3
SW2
SW1
CSREF
CSCOMP
CSSUM
FB
PWM1
VID5 VID4 VID3
VID2
VID0
VID1
COMP
FBRTN
VID DAC
+
800mV
+
CSREF
2.2V
CURRENT
MEASUREMENT
AND LIMIT
CROWBAR
CURRENT
LIMIT
+
CURRENT
BALANCING
CIRCUIT
OD
SS
+
IREF
THERMAL
THROTTLING
CONTROL
TTSENSE
VRHOT
LLSET
UVLO
SHUTDOWN
SHUNT
REGULATOR
+
DAC – 250mV
OSCILLATOR
SOFT START
CONTROL
10
9
24
15
1
2
31
32
8
7
5
17
3
30
26
25
29
27
28
6
18
13
12
22
21
16
14
4
19
20
23
11
+
CMP
+
CMP
+
CMP
RESET
2-/3-PHASE
DRIVER LOGIC
EN
SET
RESET
RESET
Figure 1.
The ADP3197 has a built-in shunt regulator that allows the part
to be connected to the 12 V system supply through a series resistor.
The ADP3197 is specified over the extended commercial tempera-
ture range of 0°C to 85°C and is available in a 32-lead LFCSP.


Similar Part No. - ADP3197

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3190AJRQZ-RL AD-ADP3190AJRQZ-RL Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3190AJRUZ-RL AD-ADP3190AJRUZ-RL Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3190JRQZ-RL AD-ADP3190JRQZ-RL Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3190JRUZ-RL AD-ADP3190JRUZ-RL Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
More results

Similar Description - ADP3197

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
   6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. B
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3188 AD-ADP3188 Datasheet
956Kb / 28P
   6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
REV. A
ADP3191 AD-ADP3191 Datasheet
842Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3163 AD-ADP3163 Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3163JRUZ-REEL AD-ADP3163JRUZ-REEL Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3181 AD-ADP3181 Datasheet
541Kb / 24P
   5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
REV. A
logo
ON Semiconductor
ADP3196 ONSEMI-ADP3196 Datasheet
364Kb / 18P
   6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
January 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com