Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3197JCPZ-RL Datasheet(PDF) 9 Page - Analog Devices

Part # ADP3197JCPZ-RL
Description  6-Bit Programmable 2-/3-Phase Synchronous Buck Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3197JCPZ-RL Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP3197JCPZ-RL Datasheet HTML 5Page - Analog Devices ADP3197JCPZ-RL Datasheet HTML 6Page - Analog Devices ADP3197JCPZ-RL Datasheet HTML 7Page - Analog Devices ADP3197JCPZ-RL Datasheet HTML 8Page - Analog Devices ADP3197JCPZ-RL Datasheet HTML 9Page - Analog Devices ADP3197JCPZ-RL Datasheet HTML 10Page - Analog Devices ADP3197JCPZ-RL Datasheet HTML 11Page - Analog Devices ADP3197JCPZ-RL Datasheet HTML 12Page - Analog Devices ADP3197JCPZ-RL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ADP3197
Rev. 0 | Page 9 of 32
TEST CIRCUITS
EN
PWRGD
FBRTN
FB
COMP
SS
DELAY
PWM1
PWM2
PWM3
SW1
SW2
SW3
VCC
IREF
6-BIT CODE
10nF
10nF
20kΩ
100kΩ
121kΩ
1kΩ
100nF
ADP3197
32
1
1.25V
1µF
100nF
+
680Ω
680Ω
12V
ILIMIT
Figure 4. Closed-Loop Output Voltage Accuracy
CSSUM
14
CSCOMP
13
24
VCC
CSREF
12
GND
15
39kΩ
680Ω
680Ω
100nF
1kΩ
1V
ADP3197
VOS =
CSCOMP – 1V
40
12V
Figure 5. Current Sense Amplifier VOS
24
VCC
10kΩ
ΔV
1V
ADP3197
680Ω
680Ω
12V
VFB = FBΔV = 80mV – FBΔV = 0mV
+
4
FB
3
FBRTN
11
LLSET
12
CSREF
15
GND
VID
DAC
Figure 6. Positioning Voltage


Similar Part No. - ADP3197JCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3190AJRQZ-RL AD-ADP3190AJRQZ-RL Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3190AJRUZ-RL AD-ADP3190AJRUZ-RL Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3190JRQZ-RL AD-ADP3190JRQZ-RL Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3190JRUZ-RL AD-ADP3190JRUZ-RL Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
More results

Similar Description - ADP3197JCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
   6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. B
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3188 AD-ADP3188 Datasheet
956Kb / 28P
   6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
REV. A
ADP3191 AD-ADP3191 Datasheet
842Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3163 AD-ADP3163 Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3163JRUZ-REEL AD-ADP3163JRUZ-REEL Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3181 AD-ADP3181 Datasheet
541Kb / 24P
   5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
REV. A
logo
ON Semiconductor
ADP3196 ONSEMI-ADP3196 Datasheet
364Kb / 18P
   6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
January 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com