Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR1581ARTZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADR1581ARTZ-R2
Description  1.25 V Micropower, Precision Shunt Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR1581ARTZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADR1581ARTZ-R2 Datasheet HTML 1Page - Analog Devices ADR1581ARTZ-R2 Datasheet HTML 2Page - Analog Devices ADR1581ARTZ-R2 Datasheet HTML 3Page - Analog Devices ADR1581ARTZ-R2 Datasheet HTML 4Page - Analog Devices ADR1581ARTZ-R2 Datasheet HTML 5Page - Analog Devices ADR1581ARTZ-R2 Datasheet HTML 6Page - Analog Devices ADR1581ARTZ-R2 Datasheet HTML 7Page - Analog Devices ADR1581ARTZ-R2 Datasheet HTML 8Page - Analog Devices ADR1581ARTZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADR1581
Rev. 0 | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Reverse Current
25 mA
Forward Current
20 mA
Internal Power Dissipation1
SOT-23 (RT)
0.3 W
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
ADR1581/RT
−55°C to +125°C
ESD CAUTION
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
ESD Susceptibility2
Human Body Model
4 kV
Machine Model
400 V
1 Specification is for device (SOT-23 package) in free air at 25°C: θJA = 300°C/W.
2 The human body model is a 100 pF capacitor discharged through 1.5 kΩ. For
the machine model, a 200 pF capacitor is discharged directly into the device.


Similar Part No. - ADR1581ARTZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR1581ARTZ-R21 AD-ADR1581ARTZ-R21 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
More results

Similar Description - ADR1581ARTZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR1581 AD-ADR1581_15 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
ADR1581BRTZ-REEL7 AD-ADR1581BRTZ-REEL7 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
AD1580ART-REEL7 AD-AD1580ART-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRT-R2 AD-AD1580BRT-R2 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
REV. F
AD1580BRT AD-AD1580BRT Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com