Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR1581BRTZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADR1581BRTZ-R2
Description  1.25 V Micropower, Precision Shunt Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR1581BRTZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADR1581BRTZ-R2 Datasheet HTML 4Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 5Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 6Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 7Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 8Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 9Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 10Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 11Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADR1581
Rev. 0 | Page 9 of 12
Output turn-on time is modified when an external noise-reduction
filter is used. When present, the time constant of the filter dom-
inates the overall settling.
Attempts to drive a large capacitive load (in excess of 1000 pF) may
result in ringing, as shown in the step response (see Figure 22). This
is due to the additional poles formed by the load capacitance and
the output impedance of the reference. A recommended method
of driving capacitive loads of this magnitude is shown in
0V
VIN
2.4V
OUTPUT ERROR
1mV/DIV, 2µs/DIV
OUTPUT
0.5mV/DIV, 2ms/DIV
Figure 19.
A resistor isolates the capacitive load from the output stage,
whereas the capacitor provides a single-pole low-pass filter
and lowers the output noise.
1.8V
2.0V
VIN
CL = 0.01µF
50µs/DIV
10mV/DIV
Figure 20. Turn-On Settling
TRANSIENT RESPONSE
Many ADCs and DACs present transient current loads to the
reference. Poor reference response can degrade the converter’s
performance.
Figure 22. Transient Response with Capacitive Load
Figure 21 displays both the coarse and fine settling characteristics
of the device to load transients of ±50 μA.
PRECISION MICROPOWER LOW DROPOUT
REFERENCE
1mV/DIV
20mV/DIV
1µs/DIV
1mV/DIV
20mV/DIV
(a)
(b)
IR = 150µA – 50µA STEP
IR = 150µA + 50µA STEP
The circuit in Figure 23 provides an ideal solution for creating
a stable voltage reference with low standby power consumption,
low input/output dropout capability, and minimum noise output.
The amplifier both buffers and optionally scales up the ADR1581
output voltage. Output voltages as high as 2.1 V can supply 1 mA of
load current. A one-pole filter connected between the ADR1581
and the OP193 input can be used to achieve low output noise. The
nominal quiescent power consumption is 250 μW.
3V
28.7kΩ
ADR1581
OP193
VOUT = 1.250V
OR
VOUT = 1.250 (1 + R2/R3)
R3
R2
4.7µF
205Ω
Figure 21. Transient Settling
Figure 21a shows the settling characteristics of the device for an
increased reverse current of 50 μA. Figure 21b shows the response
when the reverse current is decreased by 50 μA. The transients
settle to 1 mV in about 3 μs.
Figure 23. Micropower Buffered Reference


Similar Part No. - ADR1581BRTZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR1581BRTZ-R21 AD-ADR1581BRTZ-R21 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
More results

Similar Description - ADR1581BRTZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR1581 AD-ADR1581_15 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
ADR1581BRTZ-REEL7 AD-ADR1581BRTZ-REEL7 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
AD1580ART-REEL7 AD-AD1580ART-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRT-R2 AD-AD1580BRT-R2 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
REV. F
AD1580BRT AD-AD1580BRT Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com