Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM1233 Datasheet(PDF) 3 Page - Analog Devices

Part # ADUM1233
Description  Isolated, Precision Half-Bridge Driver, 0.1 A Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1233 Datasheet(HTML) 3 Page - Analog Devices

  ADUM1233 Datasheet HTML 1Page - Analog Devices ADUM1233 Datasheet HTML 2Page - Analog Devices ADUM1233 Datasheet HTML 3Page - Analog Devices ADUM1233 Datasheet HTML 4Page - Analog Devices ADUM1233 Datasheet HTML 5Page - Analog Devices ADUM1233 Datasheet HTML 6Page - Analog Devices ADUM1233 Datasheet HTML 7Page - Analog Devices ADUM1233 Datasheet HTML 8Page - Analog Devices ADUM1233 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADuM1233
Rev. A | Page 3 of 12
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
All voltages are relative to their respective ground. 4.5 V ≤ VDD1 ≤ 5.5 V, 12 V ≤ VDDA ≤ 18 V, 12 V ≤ VDDB ≤ 18 V. All min/max
specifications apply over the entire recommended operating range, unless otherwise noted. All typical specifications are at TA = 25°C,
VDD1 = 5 V, VDDA = 15 V, VDDB = 15 V.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC SPECIFICATIONS
Input Supply Current, Quiescent
IDDI(Q)
3.0
4.2
mA
Output Supply Current A or Output Supply
Current B, Quiescent
IDDA(Q), IDDB(Q)
0.3
1.2
mA
Input Supply Current, 10 Mbps
IDDI(10)
6.0
9.0
mA
Output Supply Current A or Output Supply
Current B, 10 Mbps
IDDA(10), IDDB(10)
16
22
mA
CL = 200 pF
Input Currents
IIA, IIB, IDISABLE
−10
+0.01
+10
μA
0 ≤ VIA, VIB, VDISABLE ≤ VDD1
Logic High Input Threshold
VIH
2.0
V
Logic Low Input Threshold
VIL
0.8
V
Logic High Output Voltages
VOAH,VOBH
VDDA − 0.1,
VDDB − 0.1
VDDA, VDDB
V
IOA, IOB = −1 mA
Logic Low Output Voltages
VOAL,VOBL
0.1
V
IOA, IOB = +1 mA
Output Short-Circuit Pulsed Current1
IOA(SC), IOB(SC)
100
mA
SWITCHING SPECIFICATIONS
Minimum Pulse Width2
PW
100
ns
CL = 200 pF
Maximum Switching Frequency3
10
Mbps
CL = 200 pF
Propagation Delay4
tPHL, tPLH
97
124
160
ns
CL = 200 pF
Change vs. Temperature
100
ps/°C
CL = 200 pF
Pulse Width Distortion, |tPLH − tPHL|
PWD
8
ns
CL = 200 pF
Channel-to-Channel Matching,
Rising or Falling Edges5
5
ns
CL = 200 pF
Channel-to-Channel Matching,
Rising vs. Falling Edges6
13
ns
CL = 200 pF
Part-to-Part Matching, Rising or Falling Edges7
55
ns
CL = 200 pF, Input tR = 3 ns
Part-to-Part Matching, Rising vs. Falling Edges8
63
ns
CL = 200 pF, Input tR = 3 ns
Output Rise/Fall Time (10% to 90%)
tR/tF
25
ns
CL = 200 pF
1 Short-circuit duration less than 1 second.
2 The minimum pulse width is the shortest pulse width at which the specified timing parameters are guaranteed.
3 The maximum switching frequency is the maximum signal frequency at which the specified timing parameters are guaranteed.
4 tPHL propagation delay is measured from the 50% level of the falling edge of the VIx signal to the 50% level of the falling edge of the VOx signal. tPLH propagation delay is
measured from the 50% level of the rising edge of the VIx signal to the 50% level of the rising edge of the VOx signal.
5 Channel-to-channel matching, rising or falling edges is the magnitude of the propagation delay difference between two channels of the same part when the inputs
are either both rising or falling edges. The supply voltages and the loads on each channel are equal.
6 Channel-to-channel matching, rising vs. falling edges is the magnitude of the propagation delay difference between two channels of the same part when one input is
a rising edge and the other input is a falling edge. The supply voltages and loads on each channel are equal.
7 Part-to-part matching, rising or falling edges is the magnitude of the propagation delay difference between the same channels of two different parts when the inputs
are either both rising or falling edges. The supply voltages, temperatures, and loads of each part are equal.
8 Part-to-part matching, rising vs. falling edges is the magnitude of the propagation delay difference between the same channels of two different parts when one input
is a rising edge and the other input is a falling edge. The supply voltages, temperatures, and loads of each part are equal.


Similar Part No. - ADUM1233

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1233 AD-ADUM1233 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADUM1233 AD-ADUM1233 Datasheet
216Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. C
ADUM1233BRWZ AD-ADUM1233BRWZ Datasheet
216Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. C
ADUM1233BRWZ-RL AD-ADUM1233BRWZ-RL Datasheet
216Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. C
ADUM1233 AD-ADUM1233_V01 Datasheet
216Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. C
More results

Similar Description - ADUM1233

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1234 AD-ADUM1234 Datasheet
273Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
REV. 0
ADUM1234 AD-ADUM1234_15 Datasheet
262Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM1233 AD-ADUM1233_V01 Datasheet
216Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. C
ADUM1230 AD-ADUM1230 Datasheet
259Kb / 12P
   Isolated Half-Bridge Driver, 0.1 A Amp Output
REV. A
ADUM7234 AD-ADUM7234 Datasheet
273Kb / 12P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM7234 AD-ADUM7234_V01 Datasheet
217Kb / 12P
   Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
ADUM3223 AD-ADUM3223_V01 Datasheet
533Kb / 20P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. J
ADUM3224 AD-ADUM3224 Datasheet
561Kb / 19P
   Isolated Precision Half-Bridge Driver, 4 A Output
ADUM3223 AD-ADUM3223 Datasheet
422Kb / 20P
   Isolated Precision Half-Bridge Driver
REV. 0
ADUM1420 AD-ADUM1420 Datasheet
336Kb / 12P
   Quad Isolated Precision Gate Driver, 0.1 A Output
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com