Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32686-A7154-K Datasheet(PDF) 2 Page - EPCOS

Part # B32686-A7154-K
Description  Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32686-A7154-K Datasheet(HTML) 2 Page - EPCOS

  B32686-A7154-K Datasheet HTML 1Page - EPCOS B32686-A7154-K Datasheet HTML 2Page - EPCOS B32686-A7154-K Datasheet HTML 3Page - EPCOS B32686-A7154-K Datasheet HTML 4Page - EPCOS B32686-A7154-K Datasheet HTML 5Page - EPCOS B32686-A7154-K Datasheet HTML 6Page - EPCOS B32686-A7154-K Datasheet HTML 7Page - EPCOS B32686-A7154-K Datasheet HTML 8Page - EPCOS B32686-A7154-K Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
179 12/00
Wound MFP pulse capacitors
with highest possible contact reliability
Construction
I Dielectric: polypropylene
I Film metallized on one side and
metal foils internally connected in series
I Plastic case (UL 94 V-0)
I Epoxy resin sealing
Features
I Very high pulse strength
I Highest possible contact reliability
I Self-healing properties
Typical applications
I Pulse circuits with steep voltage rise rates
I High-frequency ac loads
I Snubbering of power semiconductors
Terminals
I Parallel wire leads, tinned
I Also available with (3,2
± 0,3) mm lead length
Marking
Manufacturer’s logo,
lot number
style (MFP),
rated capacitance (coded),
capacitance tolerance (code letter),
rated dc voltage,
date of manufacture (coded)
Delivery mode
Bulk (untaped)
Taped (Ammo pack or reels)
For notes on taping, refer to chapter “Taping and packing”, page 274.
Dimensions in mm
Lead spacing
± 0,4
Diameter d1
Type
15,0
0,8
B 32 682
22,5
0,8
B 32 683
27,5
0,8
B 32 684
37,5
1,0
B 32 686
B32 682
Metallized Polypropylene Film Capacitors (MFP)
…B 32 686
in Plastic Case


Similar Part No. - B32686-A7154-K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32686A EPCOS-B32686A Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
B32686A TDK-B32686A Datasheet
313Kb / 16P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686A0104 EPCOS-B32686A0104 Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
B32686A0154 EPCOS-B32686A0154 Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
B32686A0224 EPCOS-B32686A0224 Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
More results

Similar Description - B32686-A7154-K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32682 TDK-B32682_16 Datasheet
606Kb / 32P
   Metallized Polypropylene Film Capacitors (MFP)
MFP-B32632634 TDK-MFP-B32632634 Datasheet
518Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686A EPCOS-B32686A Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP-B32692694 TDK-MFP-B32692694 Datasheet
480Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
B32686S TDK-B32686S_16 Datasheet
430Kb / 20P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686S EPCOS-B32686S Datasheet
408Kb / 22P
   Metallized Polypropylene Film Capacitors (MFP)
B32632_634 EPCOS-B32632_634 Datasheet
543Kb / 29P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP_B32686A TDK-MFP_B32686A Datasheet
313Kb / 16P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
MFP_B32686S TDK-MFP_B32686S Datasheet
391Kb / 20P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32620 EPCOS-B32620 Datasheet
154Kb / 16P
   Metallized Polypropylene Film Capacitors (MKP) Plastic Case
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com